Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3751EUFD Datasheet(PDF) 11 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 7Page - Linear Technology LT3751EUFD Datasheet HTML 8Page - Linear Technology LT3751EUFD Datasheet HTML 9Page - Linear Technology LT3751EUFD Datasheet HTML 10Page - Linear Technology LT3751EUFD Datasheet HTML 11Page - Linear Technology LT3751EUFD Datasheet HTML 12Page - Linear Technology LT3751EUFD Datasheet HTML 13Page - Linear Technology LT3751EUFD Datasheet HTML 14Page - Linear Technology LT3751EUFD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3751
11
3751f
Information section for proper use of LVGATE). With the
gate driver output high, the external NMOS turns on,
forcing VTRANS – VDS(ON) across the primary winding.
Consequently, current in the primary coil rises linearly at
a rate (VTRANS – VDS(ON))/LPRI. The input voltage is mir-
rored on the secondary winding –N • (VTRANS – VDS(ON))
which reverse-biases the diode and prevents current flow
in the secondary winding. Thus, energy is stored in the
core of the transformer.
3. Secondary Energy Transfer
When current limit is reached, the current limit comparator
resets the NMOS switch latch and the device enters the
third phase of operation, secondary energy transfer. The
energy stored in the transformer core forward-biases the
diode and current flows into the output capacitor. During
this time, the output voltage (neglecting the diode drop)
is reflected back to the primary coil. If the target output
voltage is reached, the VOUT comparator resets the master
latch and the DONE pin goes low. Otherwise, the device
enters the next phase of operation.
4. Discontinuous Mode Detection
During secondary energy transfer to the output capacitor,
(VOUT + VDIODE)/N will appear across the primary wind-
ing. A transformer with no energy cannot support a DC
voltage, so the voltage across the primary will decay to
zero. In other words, the drain of the NMOS will ring
down from VTRANS + (VOUT + VDIODE)/N to VTRANS. When
the drain voltage falls to VTRANS + 20μA • RDCM, the DCM
OPERATION
Figure 3. Start-Up Protection Circuitry
Figure 4. DCM Comparator Thresholds
comparator sets the NMOS switch latch and a new charge
cycle begins. Steps 2-4 continue until the target output
voltage is reached.
Start-Up Protection
The LT3751 at start-up, when the output voltage is very low
(or shorted), usually does not have enough VDRAIN node
voltage to trip the DCM comparator. The part in start-up
mode uses the internal 26kHz clock and an auxiliary current
comparator. Figure 3 shows a simplified block diagram of
the start-up circuitry.
FROM AUXILIARY
CURRENT
COMPARATOR
3751 F03
FROM CLK
FROM GATE
DRIVER ON
FROM DCM
COMPARATOR
RESET
INCREMENT
COUNTER 2
RESET
INCREMENT
COUNTER 1
SWITCH
LATCH
START-UP
(DCM THRESHOLD = VTH1)
BELOW VTH2
(WAIT FOR TIME-OUT)
VDRAIN
3751 F04
VOUT
DCM
1-SHOT
VTH1
VTH2
V
BOUNDARY-MODE
(DCM THRESHOLD = VTH2)
t
Toggling the CHARGE pin always generates a start-up
one-shot to turn on the external switch, initiating the charg-
ing process. After the start-up one-shot, the LT3751 waits
for either the DCM comparator to generate a one-shot or
the output of the start-up protection circuitry going high,
which ever comes first. If the switch drain node, VDRAIN,
is below the DCM comparator threshold (see Entering
Normal Boundary Mode), the DCM comparator will never
fire and the start-up circuitry is dominant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com