Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3751EUFD Datasheet(PDF) 26 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 26 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 20Page - Linear Technology LT3751EUFD Datasheet HTML 21Page - Linear Technology LT3751EUFD Datasheet HTML 22Page - Linear Technology LT3751EUFD Datasheet HTML 23Page - Linear Technology LT3751EUFD Datasheet HTML 24Page - Linear Technology LT3751EUFD Datasheet HTML 25Page - Linear Technology LT3751EUFD Datasheet HTML 26Page - Linear Technology LT3751EUFD Datasheet HTML 27Page - Linear Technology LT3751EUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LT3751
26
3751f
TYPICAL APPLICATIONS
Regulation Efficiency
vs Load Current (VOUT = 500V)
VOUT vs Load Current
Steady-State Operation with
100mA Load Current
18A Non-Isolated, High-Voltage Regulator
CHARGE
CLAMP
VCC
DONE
FAULT
UVLO1
OVLO1
UVLO2
OVLO2
RDCM
RVOUT
HVGATE
LVGATE
CSP
CSN
FB
RVTRANS
T1
1:10
D1
VOUT
50V TO 500V
VTRANS
5V TO 24V
VCC
3751 TA04
LT3751
GND RBG
R6
40.2k
OFF ON
C3
680μF
C2
5× 2.2μF
C1
10μF
•
•
R7, 18.2k
R8, 40.2k
M1*
R5
6mΩ
+
C4***
100μF
R9
VTRANS
VCC
R1, 475k
R2, 69.8k
R3, 475k
R4, 69.8k
C1: 25V X5R OR X7R CERAMIC
C2: 25V X5R OR X7R CERAMIC
C3: 25V ELECTROLYTIC
C5: TDK CKG57NX7R2J474M
D1: VISHAY US1M 1000V
M1: FAIRCHILD FQP34N20L
R1 THRU R4, R6 THRU R9, R11: USE 1% 0805
R5: IRC LR SERIES 2512 RESISTORS
R10A, R10B, R10C USE: 200V 1206 RESISTORS
T1: COILCRAFT GA3459-AL
*M1 REQUIRES PROPER
HEATSINK/THERMAL DISSIPATION
TO MEET MANUFACTURER’S SPECIFICATIONS
**DEPENDING ON DESIRED OUTPUT VOLTAGES,
R10 MUST BE SPLIT INTO MULTIPLE RESISTORS,
TO MEET MANUFACTURER’S VOLTAGE SPECIFICATION.
***C4 MUST BE SIZED TO MEET LARGE SIGNAL
STABILITY CRITERIA DESCRIBED IN THE
APPLICATIONS INFORMATION SECTION
TO
MICRO
VCC
5V TO 24V
C5
0.47μF
R11
R10**
DANGER HIGH VOLTAGE! OPERATION BY HIGH VOLTAGE TRAINED PERSONNEL ONLY
C6
10nF
10μs/DIV
3751 TA03b
VSW
50V/DIV
IPRI
10A/DIV
VOUT
AC COUPLED
2V/DIV
OUTPUT VOLTAGE (V)
0
90
85
75
80
70
65
60
200
3751 TA03c
100
150
50
VTRANS = 24V
VTRANS = 12V
VTRANS = 5V
ILOAD (mA)
0
515
510
505
500
495
200
3751 TA03d
100
150
50
VTRANS = 24V
VTRANS = 12V
VTRANS = 5V
10μs/DIV
3751 TA03e
VSW
50V/DIV
IPRI
10A/DIV
VOUT
COUPLED
2V/DIV
Steady-State Operation with
1.1mA Load Current
Suggested Component Values
VOUT(V)
R9 (kΩ)
R11(kΩ)
R10(kΩ)
100
3.32
0.383
30.9
200
1.65
0.768
124
300
1.10
1.13
274
400
0.825
1.54
499
500†
Tie to GND
1.74
715
†Transformer primary inductance limits VOUT comparator operation
to VOUT = 400VMAX. RVOUT and RBG should be tied to ground when
operating VOUT above 400V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com