Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3751EUFD Datasheet(PDF) 15 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 11Page - Linear Technology LT3751EUFD Datasheet HTML 12Page - Linear Technology LT3751EUFD Datasheet HTML 13Page - Linear Technology LT3751EUFD Datasheet HTML 14Page - Linear Technology LT3751EUFD Datasheet HTML 15Page - Linear Technology LT3751EUFD Datasheet HTML 16Page - Linear Technology LT3751EUFD Datasheet HTML 17Page - Linear Technology LT3751EUFD Datasheet HTML 18Page - Linear Technology LT3751EUFD Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT3751
15
3751f
APPLICATIONS INFORMATION
The LT3751 charger controller can be optimized for either
capacitor charging only or low noise regulation applica-
tions. Several equations are provided to aid in the design
process.
Safety Warning
Large capacitors charged to high voltage can deliver a lethal
amount of energy if handled improperly. It is particularly
important to observe appropriate safety measures when
designing the LT3751 into applications. First, create a dis-
charge circuit that allows the designer to safely discharge
the output capacitor. Second, adequately space high voltage
nodes from adjacent traces to satisfy printed circuit board
voltage breakdown requirements.
Selecting Operating Mode
Tie the FB pin to GND to operate the LT3751 as a capacitor
charger. In this mode, the LT3751 charges the output at
peak primary current in boundary mode operation. This
constitutes maximum power delivery and yields the fast-
est charge times. Power delivery is halted once the output
reaches the desired output voltage set by the RVOUT and
RBG pins.
Tie a resistor divider from the FB pin to VOUT and GND
to operate the LT3751 as a low noise voltage regulator
(refer to Low Noise regulation section for proper design
procedures). The LT3751 operates as a voltage regulator
using both peak current and duty cycle modulation to vary
output current during different loading conditions.
Selecting Component Parameters
Most designs start with the initial selection of VTRANS,
VOUT, COUT, and either charge time, tCHARGE, (capacitor
charger) or POUT,MAX (regulator). These design inputs
are then used to select the transformer ratio, N, the peak
primary current, IPK, and the primary inductance, LPRI.
Figure 7 can be used as a rough guide for maximum power
output for a given VTRANS and IPK.
Selecting Transformer Turns Ratio
The transformer ratio, N, should be selected based on
the input and output voltages. Smaller N values equate
to faster charge times and larger available output power.
Note that drastically reducing N below the VOUT/VTRANS
ratio will increase the flyback voltage on the drain of the
NMOS and increase the current through the output diode.
A good choice is to select N equal to VOUT/VTRANS.
N
≤
VOUT
VTRANS
Choosing Capacitor Charger IPK
When operating the LT3751 as capacitor charger, choose
IPK based on the required capacitor charge time, tCHARGE,
and the initial design inputs.
IPK =
2•N • VTRANS + VOUT
()•C
OUT •VOUT
Efficiency • VTRANS •tCHARGE − td
()
Theconverterefficiencyvariesovertheoutputvoltagerange.
The IPK equation is based on the average efficiency over the
entire charging period. Several factors can cause the charge
time to increase. Efficiency is the most dominant factor and
is mainly affected by the transformer winding resistance,
core losses, leakage inductance, and transistor RDS. Most
applications have overall efficiencies above 70%.
Figure 7. Maximum Power Output
PEAK PRIMARY CURRENT (A)
3751 F07
100
10
20
30
40
50
60
70
80
90
0
1
10
100
P = 20 WATTS
P = 50 WATTS
P = 100 WATTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com