Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1043CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1043CSW
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1043CSW Datasheet HTML 4Page - Linear Technology LTC1043CSW Datasheet HTML 5Page - Linear Technology LTC1043CSW Datasheet HTML 6Page - Linear Technology LTC1043CSW Datasheet HTML 7Page - Linear Technology LTC1043CSW Datasheet HTML 8Page - Linear Technology LTC1043CSW Datasheet HTML 9Page - Linear Technology LTC1043CSW Datasheet HTML 10Page - Linear Technology LTC1043CSW Datasheet HTML 11Page - Linear Technology LTC1043CSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1043
8
1043fa
Divide by 2
Ultra Precision Voltage Inverter
Multiply by 2
Precision Multiply by 3
Divide by 3
Precision Multiply by 4
LTC1043 • A01
0.01µF
VOUT = VIN/2 ± 1ppm
0 ≤ VIN ≤ V
+
3 ≤ V+ ≤ 18V
12
11
7
13
VOUT = VIN/2
1µF
1µF
VIN
1/2 LTC1043
8
14
16
17
LTC1043 • A02
0.01µF
VOUT = 2VIN ± 5ppm
0 ≤ VIN ≤ V
+ /2
3 ≤ V
+ ≤ 18V
12
11
7
13
VIN
1µF
1µF
VOUT
1/2 LTC1043
8
14
16
17
LTC1043 * A03
0.01µF
VOUT = –VIN ±2ppm
V– < VIN < V
+
V+ = +5V, V– = –5V
12
11
7
13
VIN
1µF
1µF
VOUT = –VIN
1/2 LTC1043
8
14
16
17
LTC1043 • A04
0.01µF
VOUT = 3VIN ±10ppm
0 < VIN < V
+/3
3V < V+ < 18V
12
11
7
13
VIN
VOUT
1µF
1µF
LTC1043
8
14
16
17
3
2
1µF
5
15
1µF
6
18
LTC1043 • A05
0.01µF
VOUT = 4VIN ±40ppm
0 ≤ VIN ≤ V
+/4
3V < V+ < 18V
12
11
13
VIN
2VIN
VOUT = 4VIN
1µF
1µF
LTC1043
8
14
16
3
2
1µF
5
15
1µF
6
18
7
17
LTC1043 • A06
0.01µF
VOUT = VIN/3 ±3ppm
0 ≤ VIN ≤ V
+
12
11
7
13
VIN
VOUT
VOUT
1µF
LTC1043
14
16
17
3
2
1µF
5
15
1µF
1µF
6
18
8
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com