Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1043CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1043CSW
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1043CSW Datasheet HTML 1Page - Linear Technology LTC1043CSW Datasheet HTML 2Page - Linear Technology LTC1043CSW Datasheet HTML 3Page - Linear Technology LTC1043CSW Datasheet HTML 4Page - Linear Technology LTC1043CSW Datasheet HTML 5Page - Linear Technology LTC1043CSW Datasheet HTML 6Page - Linear Technology LTC1043CSW Datasheet HTML 7Page - Linear Technology LTC1043CSW Datasheet HTML 8Page - Linear Technology LTC1043CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1043
5
1043fa
Test Circuit 1. Leakage Current Test
Common Mode Rejection Ratio (CMRR)
The LTC1043, when used as a differential to single-ended
converter rejects common mode signals and preserves
differential voltages (Figure 1). Unlike other techniques,
the LTC1043’s CMRR does not degrade with increasing
common mode voltage frequency. During the sampling
mode, the impedance of Pins 2, 3 (and 11, 12) should be
reasonably balanced, otherwise, common mode signals
will appear differentially. The value of the CMRR depends
on the value of the sampling and holding capacitors
(CS, CH) and on the sampling frequency. Since the
common mode voltages are not sampled, the
common mode signal frequency can well exceed the
sampling frequency without experiencing aliasing
phenomena. The CMRR of Figure 1 is measured by
TEST CIRCUITS
Test Circuit 2. RON Test
Test Circuit 3. Oscillator Frequency, fOSC
Test Circuit 4. CMRR Test
LTC1043 • TC02
(7, 13, 6, 18)
(8, 14, 5, 15)
(11, 12, 2, 3)
100µA to 1mA
CURRENT SOURCE
+
A
VIN
+
V+
LTC1043 • TC03
4
V–
16
(TEST PIN)
IV
5
LTC1043
17
COSC
2
+
6
LTC1043 • TC04
CMRR = 20 LOG
()
FOR OPTIMUM CMRR, THE COSC SHOULD
BE LARGER THAN 0.0047µF, AND
THE SAMPLING CAPACITOR ACROSS
PINS 11 AND 12 SHOULD BE PLACED
OVER A SHIELD TIED TO PIN 10
+
V– ≤ VCM ≤ V
+
VCM
VOUT
VOUT
13
14
12
11
10
78
1µF
1µF
CAPACITORS ARE
NOT ELECTROLYTIC
NOTE:
+
APPLICATIO S I FOR ATIO
Figure 1. Differential to Single-Ended Converter
LTC1043 • TC01
(7, 13, 6, 18)
(8, 14, 5, 15)
(11, 12, 2, 3)
NOTE: TO OPEN SWITCHES,
S1 AND S3
SHOULD BE CONNECTED
TO V–. TO OPEN S2, S4,
COSC PIN SHOULD BE
TO V+ COSC
+
A
0V TO 10V
LTC1043 • AI01
CS, CH ARE MYLAR OR POLYSTRENE
+
CH
CS
C–
C+
VD
13
14
12
11
1/2 LTC1043
78
VD
VCM
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com