Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1043CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1043CSW
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1043CSW Datasheet HTML 8Page - Linear Technology LTC1043CSW Datasheet HTML 9Page - Linear Technology LTC1043CSW Datasheet HTML 10Page - Linear Technology LTC1043CSW Datasheet HTML 11Page - Linear Technology LTC1043CSW Datasheet HTML 12Page - Linear Technology LTC1043CSW Datasheet HTML 13Page - Linear Technology LTC1043CSW Datasheet HTML 14Page - Linear Technology LTC1043CSW Datasheet HTML 15Page - Linear Technology LTC1043CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC1043
14
1043fa
Frequency-Controlled Gain Amplifier
LTC1043 • A21
5V
–5V
–5V
2
3
4
6
7
–
+
LT1056
3
10k
33k
22M
SENSOR
* = 1% FILM RESISTOR
LT1004
1.2V
500
90%
RH TRIM
10k
5% RH TRIM
2
1
100pF
9k*
1k*
SENSOR = PANAMETRICS # RHS
≈ 500pF AT RH = 76%
1.7 pF/%RH
6
8
–
+
LM301A
OUTPUT
0V TO 1V = 0% TO 100%
1µF
100pF
0.01µF
1µF
1/4 LTC1043
12
1/4 LTC1043
11
8
7
16
17
14
13
1k*
470k
Relative Humidity Sensor Signal Conditioner
GAIN CONTROL
0kHz TO 10kHz = GAIN 0 TO 1000
0.01µF
1/2 LTC1043A
FOR DIFFERENTIAL INPUT, GROUND PIN 8A AND USE PINS 13A AND 7A FOR INPUTS
FOR SINGLE-ENDED INPUT AND POSITIVE GAIN, GROUND PIN 8A AND USE PIN 7A FOR INPUT
USE ± 5V SUPPLIES FOR LTC1043
5V
2
7
6
4
3
–5V
LTC1043 • A20
100pF
1/2 LTC1043B
fIN • 0.01µF
1kHz • 100pF
–
+
LT1056
VIN
VOUT
11A
11B
12B
12A
0.01µF
13A
14A
8A
7A
16A
13B
8B
7B
16B
14B
GAIN =
; GAIN IS NEGATIVE AS SHOWN
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com