Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1043CSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1043CSW
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1043CSW Datasheet HTML 5Page - Linear Technology LTC1043CSW Datasheet HTML 6Page - Linear Technology LTC1043CSW Datasheet HTML 7Page - Linear Technology LTC1043CSW Datasheet HTML 8Page - Linear Technology LTC1043CSW Datasheet HTML 9Page - Linear Technology LTC1043CSW Datasheet HTML 10Page - Linear Technology LTC1043CSW Datasheet HTML 11Page - Linear Technology LTC1043CSW Datasheet HTML 12Page - Linear Technology LTC1043CSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1043
9
1043fa
Divide by 4
0.005% V/F Converter
0.01% Analog Multiplier
LTC1043 • A07
0.01µF
0 ≤ VIN ≤ V
+
VOUT = VIN/4 ±5ppm
12
11
VOUT
VIN
1µF1µF
LTC1043
14
17
3
2
1µF1µF
5
15
6
7
16
13
8
18
LTC1043 • A08
–5V
–5V
30pF
22k
330k
1µF
Q1
2N2907A
5V
5V
–5V
LT1009
2.5k
1µF
1k
fOUT: 0kHz TO 30kHz
7
8
13
VIN
0V TO 3V
1µF
0.01µF
1/2 LTC1043
16
4
12
11
14
17
–
+
6.19k
GAIN
2.5k
LF356
LTC1043 • A09
0.001µF
1µF
1k
LT1004-1.2V
2N2907A
(FOR START-UP)
5V
XINPUT
OPERATE LTC1043 FROM ±5V
POLYSTYRENE, MOUNT CLOSE
1% FILM RESISTOR
ADJUST OUTPUT TRIM
SO X • Y = OUTPUT ±0.01%
YINPUT
1µF
1µF
2
3
4
6
7
1/4 LTC1043
12
14
5V
0.01µF
–5V
2
3
4
7
6
–
+
LT1056
–5V
–5V
–5V
30pF
22k
330k
–
+
LT1056
13
0.001µF
1/4 LTC1043
2
16
5
6
7.5k*
80.6k*
20k
OUTPUT
TRIM
OUTPUT
XY ±0.01%
†
†
†
*
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com