Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1062CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1062CSW
Description  5th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1062CSW Datasheet HTML 1Page - Linear Technology LTC1062CSW Datasheet HTML 2Page - Linear Technology LTC1062CSW Datasheet HTML 3Page - Linear Technology LTC1062CSW Datasheet HTML 4Page - Linear Technology LTC1062CSW Datasheet HTML 5Page - Linear Technology LTC1062CSW Datasheet HTML 6Page - Linear Technology LTC1062CSW Datasheet HTML 7Page - Linear Technology LTC1062CSW Datasheet HTML 8Page - Linear Technology LTC1062CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1062
1062fd
10Hz 5th Order Butterworth Lowpass Filter
Filter Amplitude Response and Noise
■
Lowpass Filter with No DC Error
■
Low Passband Noise
■
Operates DC to 20kHz
■
Operates On a Single 5V Supply or Up to ±8V
■
5th Order Filter
■
Maximally Flat Response
■
Internal or External Clock
■
Cascadable for Faster Rolloff
■
Buffer Available
The LTC
®1062 is a 5th order all pole maximally flat
lowpass filter with no DC error. Its unusual architecture
puts the filter outside the DC path so DC offset and low
frequency noise problems are eliminated. This makes the
LTC1062 very useful for lowpass filters where DC accuracy
is important.
The filter input and output are simultaneously taken across
an external resistor. The LTC1062 is coupled to the signal
through an external capacitor. This RC reacts with the
internal switched capacitor network to form a 5th order
rolloff at the output.
The filter cutoff frequency is set by an internal clock that
can be externally driven. The clock-to-cutoff frequency
ratio is typically 100:1, allowing the clock ripple to be
easily removed.
Two LTC1062s can be cascaded to form a 10th order quasi
max flat lowpass filter. The device can be operated with
single or dual supplies ranging from ±2.5V to ±9V.
The LTC1062 is manufactured using Linear Technology’s
enhanced LTCMOS
TM silicon gate process.
■
60Hz Lowpass Filters
■
Antialiasing Filter
■
Low Level Filtering
■
Rolling Off AC Signals from High DC Voltages
■
Digital Voltmeters
■
Scales
■
Strain Gauges
LTCMOS is a trademark of Linear Technology Corporation.
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
COSC=
3900pF
1062 TA01
1µF
VIN
25.8k
V+ = 5V
V– = –5V
DC ACCURATE
OUTPUT
BUFFERED
OUTPUT
NOTE: TO ADJUST OSCILLATOR FREQUENCY,
USE A 6800pF CAPACITOR IN SERIES
WITH A 50k POT FROM PIN 5 TO GROUND
INPUT FREQUENCY (Hz)
1
–100
–80
–60
–40
–20
10
100
1062 TA02
0
–90
–70
–50
0
20
40
10
30
50
–30
–10
COSC = 3900pF
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
5th Order Lowpass Filter


Similar Part No. - LTC1062CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1062CS LINER-LTC1062CS Datasheet
824Kb / 11P
5th Order Lowpass Filter
More results

Similar Description - LTC1062CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
5th Order Lowpass Filter
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX280 MAXIM-MAX280 Datasheet
466Kb / 12P
5th Order, Zero DC Error, Lowpass Filter
Rev 3; 8/95
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
logo
Linear Technology
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
5th Order Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com