Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1062CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1062CSW
Description  5th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1062CSW Datasheet HTML 1Page - Linear Technology LTC1062CSW Datasheet HTML 2Page - Linear Technology LTC1062CSW Datasheet HTML 3Page - Linear Technology LTC1062CSW Datasheet HTML 4Page - Linear Technology LTC1062CSW Datasheet HTML 5Page - Linear Technology LTC1062CSW Datasheet HTML 6Page - Linear Technology LTC1062CSW Datasheet HTML 7Page - Linear Technology LTC1062CSW Datasheet HTML 8Page - Linear Technology LTC1062CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1062
1062fd
The ● denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = – 5V, unless otherwise specified, AC output measured at Pin 7,
Figure 1.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Buffer
Bias Current
250
pA
●
170
1000
pA
Offset Voltage
220
mV
Voltage Swing
RLOAD = 20k
●
±3.5
±3.8
V
Short-Circuit Current Source/Sink
40/3
mA
Clock (Note 3)
Internal Oscillator Frequency
COSC (Pin 5 to V–, Pin 11 in SW16) = 100pF
25
32
50
kHz
●
15
65
kHz
Max Clock Frequency
4
MHz
Pin 5 (Pin 11 in SW16) Source or Sink Current
●
40
80
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: fC is the frequency where the gain is –3dB with respect to the input
signal.
Note 3: The external or driven clock frequency is divided by either 1, 2 or 4
depending upon the voltage at Pin 4. For the N8 package, when Pin 4 = V+,
ratio = 1; when Pin 4 = GND, ratio = 2; when Pin 4 = V–, ratio = 4.
Amplitude Response Normalized
to the Cutoff Frequency
fIN/fC
0.1
–100
–80
–60
–40
–20
110
1062 G01
0
–90
–70
–50
–30
–10
1
2πRC
=
VS = ±2.5V
TA = 25°C
fC
1.62
fCLK = 500kHz, fC = 5kHz
fCLK = 250kHz, fC = 2.5kHz
fCLK = 100kHz, fC = 1kHz
fCLK = 1kHz, fC = 10Hz
fCLK = 10kHz, fC = 100Hz
fIN/fC
0.1
–100
–80
–60
–40
–20
110
1062 G01
0
–90
–70
–50
–30
–10
1
2πRC
=
VS = ±2.5V
TA = 25°C
fC
1.62
fCLK = 500kHz, fC = 5kHz
fCLK = 250kHz, fC = 2.5kHz
fCLK = 100kHz, fC = 1kHz
fCLK = 1kHz, fC = 10Hz
fCLK = 10kHz, fC = 100Hz
fIN/fC
–1.0
–0.4
–0.6
–0.8
0.4
0.2
0
–0.2
1062 G03
0.1
0.2
0.4
0.6
0.8
1
VS = ±5V
TA = 25°C
fCLK = 100kHz
1
2πRC
=
fC
1.6
1
2πRC
=
fC
1.62
1
2πRC
=
fC
1.64
Amplitude Response Normalized
to the Cutoff Frequency
Passband Gain
vs Input Frequency
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com