Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1062CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1062CSW
Description  5th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062CSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1062CSW Datasheet HTML 1Page - Linear Technology LTC1062CSW Datasheet HTML 2Page - Linear Technology LTC1062CSW Datasheet HTML 3Page - Linear Technology LTC1062CSW Datasheet HTML 4Page - Linear Technology LTC1062CSW Datasheet HTML 5Page - Linear Technology LTC1062CSW Datasheet HTML 6Page - Linear Technology LTC1062CSW Datasheet HTML 7Page - Linear Technology LTC1062CSW Datasheet HTML 8Page - Linear Technology LTC1062CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1062
1062fd
Passband Gain
vs Input Frequency and Temperature
Passband Phase Shift
vs Input Frequency
Filter Noise Spectral Density
fIN/fC
–1.0
–0.4
–0.6
–0.8
0.4
0.2
0
–0.2
1062 G04
0.1
0.2
0.4
0.6
0.8
1
VS = ±5V
fCLK = 100kHz
1
2πRC
=
fC
1.62
TA = 125°C
TA = –55°C
fIN/fC
–210
–120
–150
–180
0
–30
–60
–90
1062 G05
0.1
0.2
0.4
0.6
0.8
1
VS = ±5V
fCLK = 100kHz
1
2πRC
=
fC
1.62
TA = 25°C
CUTOFF FREQUENCY (Hz)
20
30
50
70
80
0.1
10
100
10k
1062 G06
10
1
1k
60
40
0
VS = ±5V
TA = 25°C
fC = 10Hz
fC = 1kHz
fC = 100Hz
Normalized Oscillator Frequency,
fOSC vs Supply Voltage
Oscillator Frequency, fOSC
vs Ambient Temperature
VSUPPLY (V)
4
1.1
1.2
1.3
20
1062 G07
1.0
0.9
0.7
8
12
16
18
6
10
14
0.8
1.6
1.5
1.4
AMBIENT TEMPERATURE (°C)
–50
60
80
120
140
160
260
200
0
50
75
1062 G08
100
220
240
180
–25
25
100
125
COSC = 0pF
V+ = 10V
V– = 0V
V+ = 5V
V– = 0V
Power Supply Current
vs Power Supply Voltage
POWER SUPPLY VOLTAGE (V)
4
8
12
20
1062 G09
4
0
8
12
16
6
10
14
18
16
6
10
2
14
TA = –55°C
TA = 25°C
TA = 125°C
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com