Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1503CS8-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1503CS8-2
Description  High Efficiency Inductorless Step-Down DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1503CS8-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1503CS8-2 Datasheet HTML 4Page - Linear Technology LTC1503CS8-2 Datasheet HTML 5Page - Linear Technology LTC1503CS8-2 Datasheet HTML 6Page - Linear Technology LTC1503CS8-2 Datasheet HTML 7Page - Linear Technology LTC1503CS8-2 Datasheet HTML 8Page - Linear Technology LTC1503CS8-2 Datasheet HTML 9Page - Linear Technology LTC1503CS8-2 Datasheet HTML 10Page - Linear Technology LTC1503CS8-2 Datasheet HTML 11Page - Linear Technology LTC1503CS8-2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1503-1.8/LTC1503-2
2ms/DIV
1503-1.8/2 F02b
LTC1503-2
CSS = 0nF
COUT = 10µF
RLOAD = 50Ω
Capacitor Selection
For best performance, it is recommended that low ESR
capacitors be used for CIN and COUT to reduce noise and
ripple. If the ESR of the output capacitor is too high
(> 0.5
Ω), both efficiency and output load regulation may
be degraded. The CIN and COUT capacitors should be either
ceramic or tantalum and should be 10
µF or greater. If the
input source impedance is very low (< 0.5
Ω), CIN may not
be needed. Ceramic capacitors are recommended for the
flying caps C1 and C2 with values of 0.47
µF to 2.2µF.
Smaller values may be used in low output current applica-
tions (e.g., IOUT < 10mA). For best performance choose
the same capacitance value for both C1 and C2.
Output Ripple
Normal LTC1503-X operation produces voltage ripple on
the VOUT pin. Output voltage ripple is required for the parts
to regulate. Low frequency ripple exists due to the hyster-
esis in the sense comparator and propagation delays in the
charge pump enable/disable circuits. High frequency ripple
is also present mainly from the ESR (equivalent series
resistance) in the output capacitor. Typical output ripple
(VIN = 3.6V) under maximum load is 25mV peak-to-peak
with a low ESR 10
µF output capacitor.
The magnitude of ripple voltage depends on several fac-
tors. High input voltages increase the output ripple since
more charge is delivered to COUT per charging cycle. Large
output current load and/or a small output capacitor (< 10
µF)
results in higher ripple due to higher output voltage dV/dt.
High ESR capacitors (ESR > 0.5
Ω) on the output pin cause
high frequency voltage spikes on VOUT with every clock
cycle.
There are several ways to reduce the output voltage ripple
(see Figure 3). A larger COUT capacitor (22µF or greater)
will reduce both the low and high frequency ripple due to
the lower COUT charging and discharging dV/dt and the
lower ESR typically found with higher value (larger case
size) capacitors. A low ESR ceramic output capacitor will
minimize the high frequency ripple, but will not reduce the
low frequency ripple unless a high capacitance value is
chosen. A reasonable compromise is to use a 10
µFto22µF
tantalum capacitor in parallel with a 1
µF to 3.3µF ceramic
approximately 1.9V. Since the ramp rate on the SHDN/SS
pin controls the ramp rate on VOUT, the average inrush
current can be controlled through selection of CSS and
COUT. For example, a 4.7nF capacitor on SHDN/SS results
in a 4ms ramp time from 0.35V to 1.9V on the pin. If COUT
is 10
µF, the 4ms VREF ramp time results in an average
COUT charge current of only 5mA (see Figure 2c).
5
1
RLOAD
CSS
1503-1.8/2 F02a
VCTRL
ON OFF
SHDN/SS
VOUT
LTC1503-X
(a)
VCTRL
2V/DIV
VOUT
1V/DIV
(b)
2ms/DIV
1503-1.8/2 F02b
LTC1503-2
CSS = 4.7nF
COUT = 10µF
RLOAD = 50Ω
VCTRL
2V/DIV
VOUT
1V/DIV
(c)
Figure 2. Shutdown/Soft-Start Operation
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com