Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1503CS8-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1503CS8-2
Description  High Efficiency Inductorless Step-Down DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1503CS8-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC1503CS8-2 Datasheet HTML 1Page - Linear Technology LTC1503CS8-2 Datasheet HTML 2Page - Linear Technology LTC1503CS8-2 Datasheet HTML 3Page - Linear Technology LTC1503CS8-2 Datasheet HTML 4Page - Linear Technology LTC1503CS8-2 Datasheet HTML 5Page - Linear Technology LTC1503CS8-2 Datasheet HTML 6Page - Linear Technology LTC1503CS8-2 Datasheet HTML 7Page - Linear Technology LTC1503CS8-2 Datasheet HTML 8Page - Linear Technology LTC1503CS8-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1503-1.8/LTC1503-2
TYPICAL PERFOR A CE CHARACTERISTICS
LTC1503-X Output Short-Circuit
Current vs Input Voltage
LTC1503-X Start-Up Time
vs Soft-Start Capacitor
INPUT VOLTAGE (V)
2
20
30
6
1503-1.8/2 G10
10
0
3
4
5
40
VOUT SHORTED TO GND
TA = –40°C
TA = 85°C
TA = 25°C
SOFT-START CAPACITOR (nF)
0.01
1
10
100
1503-1.8/2 G10
0.1
0.01
0.1
1
10
100
VIN = 3.6V
TA = –40°C
TA = 25°C
TA = 85°C
Output Load Transient Response
(LTC1503-1.8,1mA to 100mA Step)
IOUT
50mA/DIV
VOUT
50mV/DIV
AC COUPLED
100mA
1mA
1ms/DIV
1503-1.8/2 G12
Output Ripple, COUT = 10µF
VOUT
10mV/DIV
AC COUPLED
5
µs/DIV
1503-1.8/2 G13
VIN = 3.6V
VOUT = 2V
IOUT = 100mA
COUT = 10µF CERAMIC
Output Ripple, COUT = 22µF
VOUT
10mV/DIV
AC COUPLED
5
µs/DIV
1503-1.8/2 G14
VIN = 3.6V
VOUT = 2V
IOUT = 100mA
COUT = 22µF CERAMIC
VOUT (Pin 1): Regulated Output Voltage. VOUT is discon-
nected from VIN during shutdown. Bypass VOUT to ground
with a
≥10µF low ESR capacitor.
C1– (Pin 2): Flying Capacitor One Negative Terminal.
C1+ (Pin 3): Flying Capacitor One Positive Terminal.
VIN (Pin 4): Input Voltage. VIN may be between 2.4V and
6V. Bypass VIN to ground with a ≥10µF low ESR capacitor.
SHDN/SS (Pin 5): Shutdown/Soft-Start Control. The pin
is designed to be driven with an external open-drain
output. Holding the SHDN/SS pin below 0.25V will force
the part into shutdown mode. An internal pull-up current
of 2
µA will force the SHDN/SS voltage to climb to VIN once
the device driving the pin is forced into a Hi-Z state. To
limit inrush current on start-up, connect a capacitor
between the SHDN/SS pin and ground. Capacitance on
the SHDN/SS pin will limit the dV/dt of the pin during turn-
on which, in turn, will limit the dV/dt of VOUT. By selecting
an appropriate soft-start capacitor for a known output
capacitor, the user can control the inrush current during
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com