Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1503CS8-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1503CS8-2
Description  High Efficiency Inductorless Step-Down DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1503CS8-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC1503CS8-2 Datasheet HTML 1Page - Linear Technology LTC1503CS8-2 Datasheet HTML 2Page - Linear Technology LTC1503CS8-2 Datasheet HTML 3Page - Linear Technology LTC1503CS8-2 Datasheet HTML 4Page - Linear Technology LTC1503CS8-2 Datasheet HTML 5Page - Linear Technology LTC1503CS8-2 Datasheet HTML 6Page - Linear Technology LTC1503CS8-2 Datasheet HTML 7Page - Linear Technology LTC1503CS8-2 Datasheet HTML 8Page - Linear Technology LTC1503CS8-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1503-1.8/LTC1503-2
High Efficiency Inductorless
Step-Down DC/DC Converters
s
Input Voltage Range: 2.4V to 6V
s
Fixed Output Voltages: 1.8V
±4%, 2V ±4%
s
Output Current: Up to 100mA
s
No Inductors
s
Typical Efficiency 25% Higher than LDOs
s
Low Operating Current: 25
µA
s
Low Shutdown Current: 5
µA
s
600kHz Switching Frequency
s
Shutdown Disconnects Load from VIN
s
Soft-Start Limits Inrush Current at Turn-On
s
Short-Circuit and Overtemperature Protected
s
Available in 8-Pin MSOP and SO Packages
The LTC
®1503-1.8/LTC1503-2 are switched capacitor
step-down DC/DC converters that produce a regulated
output from a 2.4V to 6V input. The parts use switched
capacitor fractional conversion to achieve high efficiency
over the entire input range. No inductors are required.
Internal circuitry controls the step-down conversion ratio
to optimize efficiency as the input voltage and load condi-
tions vary. Typical efficiency is 25% higher than that of a
low dropout (LDO) linear regulator.
Regulation is achieved by sensing the output voltage and
enabling the internal switching network as needed to
maintain a fixed output voltage. This method of regulation
enables the parts to achieve high efficiency at extremely
light loads. Low operating current (25
µA with no load, 5µA
in shutdown) and low external parts count (two 1
µF flying
capacitors and two 10
µF bypass capacitors) make the
LTC1503-1.8/LTC1503-2 ideally suited for space con-
strained battery-powered applications. The parts are fully
short-circuit and overtemperature protected.
The LTC1503-1.8/LTC1503-2 are available in 8-pin MSOP
and SO packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Cellular Phones
s
Handheld Computers
s
Smart Card Readers
s
Low Power DSP Supplies
s
Portable Electronic Equipment
s
Handheld Medical Instruments
Efficiency vs Input Voltage
Single Li-Ion to 2V DC/DC Converter
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
4
2
3
5
1
8
6
7
VIN
C1–
C1+
SHDN/SS
VOUT
C2 –
C2+
GND
LTC1503-2
1
µF
1503-1.8/2 TA01
1
µF
10
µF
1-CELL Li-Ion OR
3-CELL NiMH
10
µF
VOUT = 2V
IOUT = 100mA
INPUT VOLTAGE (V)
2
60
80
6
1503-1.8/2 TA02
40
20
3
4
5
100
LTC1503-2
VOUT = 2V
IOUT = 100mA
IOUT = 1mA
“IDEAL” LDO


Similar Part No. - LTC1503CS8-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1503-1.8 LINER-LTC1503-1.8 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-1.8 LINER-LTC1503-1.8_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-2 LINER-LTC1503-2 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-2 LINER-LTC1503-2_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
More results

Similar Description - LTC1503CS8-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1503-1.8 LINER-LTC1503-1.8_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-2 LINER-LTC1503-2_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com