Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1503CS8-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1503CS8-2
Description  High Efficiency Inductorless Step-Down DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1503CS8-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC1503CS8-2 Datasheet HTML 1Page - Linear Technology LTC1503CS8-2 Datasheet HTML 2Page - Linear Technology LTC1503CS8-2 Datasheet HTML 3Page - Linear Technology LTC1503CS8-2 Datasheet HTML 4Page - Linear Technology LTC1503CS8-2 Datasheet HTML 5Page - Linear Technology LTC1503CS8-2 Datasheet HTML 6Page - Linear Technology LTC1503CS8-2 Datasheet HTML 7Page - Linear Technology LTC1503CS8-2 Datasheet HTML 8Page - Linear Technology LTC1503CS8-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1503-1.8/LTC1503-2
Industrial Temperature Range ............... – 40
°C to 85°C
Specified Temperature Range (Note 2) ... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
q
2.4
6
V
VOUT
LTC1503-1.8, 0mA < IOUT < 100mA
q
1.728
1.8
1.872
V
LTC1503-2, 0mA < IOUT < 100mA
q
1.920
2.0
2.080
V
VIN Operating Current
IOUT = 0mA
q
25
50
µA
VIN Shutdown Current
SHDN/SS = 0V
q
510
µA
Output Ripple Voltage
LTC1503-X, VIN = 3.6V, IOUT = 100mA
25
mVP-P
Efficiency
LTC1503-2, VIN = 3.6V, IOUT = 100mA
82.9
%
Switching Frequency
Oscillator Free Running
600
kHz
SHDN/SS Input Threshold
q
0.2
0.35
0.5
V
SHDN/SS Input Current
VSHDN/SS = 0V (Note 3)
q
–3.5
–2
–1
µA
VSHDN/SS = VIN
q
–1
1
µA
VOUT Short-Circuit Current
VOUT = 0V (Note 4)
q
822
50
mA
VOUT Turn-On Time
CSS = 0nF, VIN = 3.6V, COUT = 10µF
0.1
ms
CSS = 10nF
8
ms
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1503C is guaranteed to meet specified performance from
0
°C to 70°C and is designed, characterized and expected to meet these
extended temperature limits, but are not tested at – 40
°C and 85°C. The
LTC1503I is guaranteed to meet the extended temperature limits.
Note 3: Currents flowing into the device are positive polarity. Currents
flowing out of the device are negative polarity.
Note 4: When VOUT is less than 150mV, IOUT is limited to much less than
the maximum rated output current to prevent damage to the output
devices.
ORDER PART
NUMBER
LTC1503CMS8-1.8
LTC1503CMS8-2
MS8 PART MARKING
LTFX
LTHN
ORDER PART
NUMBER
LTC1503CS8-1.8
LTC1503CS8-2
LTC1503IS8-1.8
LTC1503IS8-2
S8 PART MARKING
150318
15032
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 200°C/W
1
2
3
4
VOUT
C1–
C1+
VIN
8
7
6
5
C2–
GND
C2+
SHDN/SS
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 150°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VOUT
C1–
C1+
VIN
C2–
GND
C2+
SHDN/SS
VIN, C1+, C1–, C2+, C2– to GND ............... – 0.3V to 6.5V
SHDN/SS to GND ......................... – 0.3V to (VIN + 0.3V)
VOUT Short-Circuit Duration ............................. Indefinite
Commercial Temperature Range ............ – 40
°C to 85°C
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = VIN(MIN) to VIN(MAX), C1 = C2 = 1µF, CIN = COUT = 10µF unless otherwise noted.
503I18
1503I2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com