Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263CS-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4263CS-PBF
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263CS-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4263CS-PBF Datasheet HTML 1Page - Linear Technology LTC4263CS-PBF Datasheet HTML 2Page - Linear Technology LTC4263CS-PBF Datasheet HTML 3Page - Linear Technology LTC4263CS-PBF Datasheet HTML 4Page - Linear Technology LTC4263CS-PBF Datasheet HTML 5Page - Linear Technology LTC4263CS-PBF Datasheet HTML 6Page - Linear Technology LTC4263CS-PBF Datasheet HTML 7Page - Linear Technology LTC4263CS-PBF Datasheet HTML 8Page - Linear Technology LTC4263CS-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4263
1
4263fd
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Single IEEE 802.3af
Compliant PSE Controller
with Internal Switch
The LTC
®4263 is an autonomous single-channel PSE
controller for use in IEEE 802.3af compliant Power over
Ethernet systems. It includes an onboard power MOSFET,
internal inrush, current limit, and short-circuit control,
IEEE 802.3af compliant PD detection and classification
circuitry, and selectable AC or DC disconnect sensing.
Onboard control algorithms provide complete IEEE 802.3af
compliant operation without the need of a microcontroller.
The LTC4263 simplifies PSE implementation, needing
only a single 48V supply and a small number of passive
support components.
Programmable onboard power management circuitry
permits multiple LTC4263s to allocate and share power
in multi-port systems, allowing maximum utilization of
the 48V power supply—all without the intervention of a
host processor. The port current limit can be configured
to automatically adjust to the detected PD class. Detec-
tion backoff timing is configurable for either Endpoint or
Midspan operation. Built-in foldback and thermal protection
provide comprehensive fault protection.
An LED pin indicates the state of the port controlled by
the LTC4263. When run from a single 48V supply, the LED
pin can operate as a simple switching current source to
reduce power dissipation in the LED drive circuitry.
The LTC4263 is available in 14-pin 4mm × 3mm DFN and
14-pin SO packages.
n IEEE 802®.3af Compliant
n Operation from a Single 48V Supply
n Fully Autonomous Operation without
Microcontroller
n Internal MOSFET with Thermal Protection
n Power Management Works Across Multiple Ports
with Simple RC Network
n Precision Inrush Control with Internal Sense Resistor
n Powered Device (PD) Detection and Classification
n AC and DC Disconnect Sensing
n Robust Short-Circuit Protection
n Pin-Selectable Detection Backoff for Midspan PSEs
n Classification Dependent ICUT Current Threshold
n LED Driver Indicates Port On and Blinks
Status Codes
n Available in 14-Pin SO and 4mm × 3mm DFN
Packages
n IEEE 802.3af Compliant Endpoint/Midspan PSEs
n Single-Port or Multi-Port Power Injectors
n Power Forwarders
n Low-Port Count PSEs
n Environment B PSEs
n Standalone PSEs
Single-Port Fully Autonomous PSE
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
4263 TA01
0.1μF
100V
0.1μF
0.1μF
100V
SMAJ58A
LED
LEGACY
MIDSPAN
PWRMGT
VSS
VSS
OSC
LTC4263
ISOLATED
48V SUPPLY
+
–
TO PORT
MAGNETICS
VDD5
ENFCLS
SD
VDD48
OUT
OUT
ACOUT
1A


Similar Part No. - LTC4263CS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263CS LINER-LTC4263CS Datasheet
337Kb / 24P
Single IEEE 802.3af Compliant PSE Controller with Internal Switch
More results

Similar Description - LTC4263CS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263-1 LINER-LTC4263-1 Datasheet
288Kb / 20P
High Power Single PSE Controller with Internal Switch
logo
Maxim Integrated Produc...
MAX5971A MAXIM-MAX5971A Datasheet
2Mb / 21P
Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Rev 0; 1/10
MAX5971B MAXIM-MAX5971B Datasheet
3Mb / 46P
Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
Rev 0; 6/10
MAX5984 MAXIM-MAX5984 Datasheet
2Mb / 22P
Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Rev 0; 12/11
logo
Linear Technology
LTC4263CDE LINER-LTC4263CDE Datasheet
337Kb / 24P
Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263 LINER-LTC4263_15 Datasheet
359Kb / 24P
Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263-1 LINER-LTC4263-1_15 Datasheet
291Kb / 20P
High Power Single PSE Controller with Internal Switch
logo
Maxim Integrated Produc...
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
MAX5971BEVKIT MAXIM-MAX5971BEVKIT Datasheet
2Mb / 22P
IEEE 802.3af/at-Compliant PSE Circuit
2011
MAX5971B MAXIM-MAX5971B_V01 Datasheet
1Mb / 46P
Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com