Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263CS-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4263CS-PBF
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263CS-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4263CS-PBF Datasheet HTML 7Page - Linear Technology LTC4263CS-PBF Datasheet HTML 8Page - Linear Technology LTC4263CS-PBF Datasheet HTML 9Page - Linear Technology LTC4263CS-PBF Datasheet HTML 10Page - Linear Technology LTC4263CS-PBF Datasheet HTML 11Page - Linear Technology LTC4263CS-PBF Datasheet HTML 12Page - Linear Technology LTC4263CS-PBF Datasheet HTML 13Page - Linear Technology LTC4263CS-PBF Datasheet HTML 14Page - Linear Technology LTC4263CS-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4263
11
4263fd
APPLICATIONS INFORMATION
LTC4263 OPERATION
Signature Detection
The IEEE 802.3af specification defines a specific pair-to-
pair signature resistance used to identify a device that
can accept power via its Ethernet connection. When the
port voltage is below 10V, an IEEE 802.3af compliant
PD will have an input resistance of approximately 25kΩ.
Figure 2 illustrates the relationship between the PD sig-
nature resistance and the required resistance ranges the
PSE must accept and reject. According to the IEEE 802.3af
specification, the PSE must accept PDs with signatures
between 19kΩ and 26.5kΩ and may or may not accept
resistances in the two ranges of 15kΩ to 19kΩ and 26.5kΩ
to 33kΩ. The black box in Figure 2 represents the typical
150Ω pair-to-pair termination used in Ethernet devices
like a computer’s network interface card (NIC) that cannot
accept power.
The LTC4263 checks for the signature resistance by forcing
two test currents on the port in sequence and measuring
the resulting voltages. It then subtracts the two V-I points
to determine the resistive slope while removing voltage
offset caused by any series diodes or current offset caused
by leakage at the port (see Figure 3). The LTC4263 will
typically accept any PD resistance between 17kΩ and
29.7kΩ as a valid PD. Values outside this range (exclud-
ing open and short-circuits) are reported to the user by a
code flashed via the LED pin.
The LTC4263 uses a force-current detection method in
order to reduce noise sensitivity and provide a more robust
detection algorithm. The first test point is taken by forcing
a test current into the port, waiting a short time to allow
the line to settle and measuring the resulting voltage. This
result is stored and the second current is applied to the
port, allowed to settle and the voltage measured.
The LTC4263 will not power the port if the PD has more
than 5μF in parallel with its signature resistor unless legacy
mode is enabled.
The LTC4263 autonomously tests for a valid PD connected
to the port. It repeatedly queries the port every 580ms, or
every 3.2s if midspan backoff mode is active (see below).
If detection is successful, it performs classification and
power management and then powers up the port.
Midspan Backoff
IEEE 802.3af requires the midspan PSE to wait two seconds
after a failed detection before attempting to detect again
unless the port resistance is greater than 500kΩ. This
requirement is to prevent the condition of an endpoint PSE
and a midspan PSE, connected to the same PD at the same
time, from each corrupting the PD signature and prevent-
ing power-on. After the first corrupted detection cycle, the
midspan PSE waits while the endpoint PSE completes
detection and turns the port on. If the midspan mode of
the LTC4263 is enabled by connecting the MIDSPAN pin
to VDD5, a 3.2 second delay occurs after every failed detect
cycle unless the result is an open circuit.
Figure 2. IEEE 802.3af Signature Resistance Ranges
Figure 3. PD 2-Point Detection
RESISTANCE
PD
PSE
0Ω
10k
15k
4263 F02
19k
26.5k
26.25k
23.75k
150Ω (NIC)
20k
30k
33k
REJECT
ACCEPT
REJECT
VDD48 – VOUT
0
60
50
40
30
20
10
0
510
15
20
4263 F04
25
TYPICAL
CLASS 3
PD LOAD
LINE
48mA
33mA
PSE LOAD
LINE
23mA
14.5mA
6.5mA
CLASS 4
CLASS 2
CLASS 1
CLASS 0
CLASS 3
OVER
CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com