Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263CS-PBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4263CS-PBF
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263CS-PBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4263CS-PBF Datasheet HTML 12Page - Linear Technology LTC4263CS-PBF Datasheet HTML 13Page - Linear Technology LTC4263CS-PBF Datasheet HTML 14Page - Linear Technology LTC4263CS-PBF Datasheet HTML 15Page - Linear Technology LTC4263CS-PBF Datasheet HTML 16Page - Linear Technology LTC4263CS-PBF Datasheet HTML 17Page - Linear Technology LTC4263CS-PBF Datasheet HTML 18Page - Linear Technology LTC4263CS-PBF Datasheet HTML 19Page - Linear Technology LTC4263CS-PBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC4263
16
4263fd
APPLICATIONS INFORMATION
being shorted by the LTC4263’s power control MOSFET.
The 500k resistor across DAC allows the port voltage to
decay after disconnect occurs.
Sizing of capacitors is critical to ensure proper function
of AC disconnect. CPSE (Figure 8) controls the connection
impedance on the PSE side. Its capacitance must be kept
low enough for AC disconnect to be able to sense the PD.
On the other hand, CDET has to be large enough to pass
the signal at 110Hz. The recommended values are 0.1μF
for CPSE and 0.47μF for CDET. The sizes of CPSE, CDET,
and RDET are chosen to create an economical, physically
compact and functionally robust system. Moreover, the
complete Power over Ethernet AC disconnect system (PSE,
transformers, cabling, PD, etc.) is complex; deviating from
the recommended values of CDET, RDET and CPSE is strongly
discouraged. Contact the Linear Technology Applications
department for additional support.
Internal 110Hz AC Oscillator
The LTC4263 includes onboard circuitry to generate a
110Hz (typ), 2VP-P sine wave on its OSC pin when a
0.1μF capacitor is connected between the OSC pin and
VSS. This sine wave is synchronized to the controller
inside the LTC4263 and should not be externally driven.
Tying the OSC pin to VSS shuts down the oscillator and
enables DC disconnect.
Power-On Reset and Reset/Backoff Timing
Upon start-up, the LTC4263 waits four seconds before
starting its first detection cycle. Depending on the re-
sults of this detection it will either power the port, repeat
detection, or wait 3.2 seconds before attempting detection
again if in midspan mode.
The LTC4263 may be reset by pulling the SD pin low. The
port is turned off immediately and the LTC4263 sits idle.
After SD is released there will be a 4-second delay before
the next detection cycle begins.
VDD5 Logic-Level Supply
The VDD5 supply for the LTC4263 can either be supplied
externally or generated internally from the VDD48 supply.
If supplied externally, a voltage between 4.5V and 5.5V
should be applied to the VDD5 pin to cause the internal
regulator to shut down. If VDD5 is to be generated inter-
nally, the voltage will be 4.4V (typ) and a 0.1μF capacitor
should be connected between VDD5 and VSS. Do not
connect the internally generated VDD5 to anything other
than a bypass capacitor and the logic control pins of the
same LTC4263.
LED Flash Codes
The LTC4263 includes a multi-function LED driver to inform
the user of the port status. The LED is turned on when the
port is connected to a PD and power is applied. If the port
is not connected or is connected to a non-powered device
with a 150Ω or shorted termination, the port will not be
powered and the LED will be off. For other port conditions,
the LTC4263 blinks a code to communicate the status
to the user as shown in Table 3. One flash indicates low
signature resistance, two flashes indicates high resistance,
five flashes indicates an overload fault, and nine flashes
indicates that power management is preventing the port
from turning on.
Figure 8. LTC4263 Using AC Disconnect
4263 F08
0.1μF
100V
0.1μF
NC
0.1μF
CDET
0.47μF
X7R, 100V
CPSE
0.1μF
X7R, 100V
SMAJ58A
LED
LEGACY
MIDSPAN
PWRMGT
VSS
VSS
OSC
ACOUT
LTC4263
DAC
CMLSH05-4
500k
ISOLATED
48V SUPPLY
+
–
RDET
1k
1A
VDD5
ENFCLS
SD
VDD48
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com