Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263CS-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4263CS-PBF
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263CS-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC4263CS-PBF Datasheet HTML 1Page - Linear Technology LTC4263CS-PBF Datasheet HTML 2Page - Linear Technology LTC4263CS-PBF Datasheet HTML 3Page - Linear Technology LTC4263CS-PBF Datasheet HTML 4Page - Linear Technology LTC4263CS-PBF Datasheet HTML 5Page - Linear Technology LTC4263CS-PBF Datasheet HTML 6Page - Linear Technology LTC4263CS-PBF Datasheet HTML 7Page - Linear Technology LTC4263CS-PBF Datasheet HTML 8Page - Linear Technology LTC4263CS-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4263
2
4263fd
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VSS – VDD48 ........................................... 0.3V to –80V
VDD5........................................ VSS – 0.3V to VSS + 6V
Pin Voltages and Currents
LEGACY, MIDSPAN, ENFCLS, PWRMGT
SD, OSC.................................. VSS – 0.3V to VSS + 6V
LED....................................... VSS – 0.3V to VSS + 80V
OUT, ACOUT............................................ (See Note 3)
(Notes 1, 2)
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD48 – VSS = 48V and VDD5 not driven externally. All voltages are
relative to VSS unless otherwise noted. (Notes 2, 5)
Operating Ambient Temperature Range
LTC4263C................................................ 0°C to 70°C
LTC4263I............................................. –40°C to 85°C
Junction Temperature (Note 4) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
SO..................................................................... 300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supplies
VSUPPLY
48V Supply Voltage
VDD48 – VSS
To Maintain IEEE Compliant Output
l
l
33
46
48
66
57
V
V
VUVLO_OFF
UVLO Turn-Off Voltage
VDD48 – VSS Decreasing
l
29
31
33
V
VUVLO_HYS UVLO Hysteresis
l
0.1
1
V
1
2
3
4
5
6
7
14
13
12
11
10
9
8
15
VDD5
ENFCLS
SD
VDD48
OUT
OUT
ACOUT
LED
LEGACY
MIDSPAN
PWRMGT
VSS
VSS
OSC
TOP VIEW
DE14 PACKAGE
14-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 15) IS VSS, MUST BE SOLDERED TO PCB
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LED
LEGACY
MIDSPAN
PWRMGT
VSS
VSS
OSC
VDD5
ENFCLS
SD
VDD48
OUT
OUT
ACOUT
TJMAX = 125°C, θJA = 90°C/W, θJC = 37°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4263CDE#PBF
LTC4263CDE#TRPBF
4263
14-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LTC4263IDE#PBF
LTC4263IDE#TRPBF
4263
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4263CS#PBF
LTC4263CS#TRPBF
4263CS
14-Lead Plastic SO
0°C to 70°C
LTC4263IS#PBF
LTC4263IS#TRPBF
4263IS
14-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com