Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1772CS6 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1772CS6
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772CS6 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1772CS6 Datasheet HTML 3Page - Linear Technology LTC1772CS6 Datasheet HTML 4Page - Linear Technology LTC1772CS6 Datasheet HTML 5Page - Linear Technology LTC1772CS6 Datasheet HTML 6Page - Linear Technology LTC1772CS6 Datasheet HTML 7Page - Linear Technology LTC1772CS6 Datasheet HTML 8Page - Linear Technology LTC1772CS6 Datasheet HTML 9Page - Linear Technology LTC1772CS6 Datasheet HTML 10Page - Linear Technology LTC1772CS6 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1772
1772fb
APPLICATIONS INFORMATION
where f is the operating frequency. Accepting larger values
of IRIPPLE allows the use of low inductances, but results in
higher output voltage ripple and greater core losses. A
reasonable starting point for setting ripple current is
IRIPPLE = 0.4(IOUT(MAX)). Remember, the maximum IRIPPLE
occurs at the maximum input voltage.
In Burst Mode operation on the LTC1772, the ripple
current is normally set such that the inductor current is
continuous during the burst periods. Therefore, the peak-
to-peak ripple current must not exceed:
I
R
RIPPLE
SENSE
≤
003
.
This implies a minimum inductance of:
L
VV
f
R
VV
VV
MIN
IN
OUT
SENSE
OUT
D
IN
D
=
−
⎛
⎝⎜
⎞
⎠⎟
+
+
⎛
⎝⎜
⎞
⎠⎟
003
.
(Use VIN(MAX) = VIN)
A smaller value than LMIN could be used in the circuit;
however, the inductor current will not be continuous
during burst periods.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot af-
ford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy
or Kool M
µ® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
more turns of wire and therefore copper losses will in-
crease. Ferrite designs have very low core losses and are
preferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductance collapses abruptly when the peak design cur-
rent is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage
ripple. Do not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manu-
facturer is Kool M
µ. Toroids are very space efficient,
especially when you can use several layers of wire. Be-
cause they generally lack a bobbin, mounting is more
difficult. However, new designs for surface mount that do
not increase the height significantly are available.
Power MOSFET Selection
An external P-channel power MOSFET must be selected
for use with the LTC1772. The main selection criteria for
the power MOSFET are the threshold voltage VGS(TH) and
the “on” resistance RDS(ON), reverse transfer capacitance
CRSS and total gate charge.
Since the LTC1772 is designed for operation down to low
input voltages, a sublogic level threshold MOSFET (RDS(ON)
guaranteed at VGS = 2.5V) is required for applications that
work close to this voltage. When these MOSFETs are used,
make sure that the input supply to the LTC1772 is less than
the absolute maximum VGS rating, typically 8V.
The required minimum RDS(ON) of the MOSFET is gov-
erned by its allowable power dissipation. For applications
that may operate the LTC1772 in dropout, i.e., 100% duty
cycle, at its worst case the required RDS(ON) is given by:
R
P
Ip
DS ON
P
OUT MAX
DC
()
()
%
=
= () +()
100
2
1
δ
where PP is the allowable power dissipation and δp is the
temperature dependency of RDS(ON). (1 + δp) is generally
given for a MOSFET in the form of a normalized RDS(ON) vs
temperature curve, but
δp = 0.005/°C can be used as an
approximation for low voltage MOSFETs.
In applications where the maximum duty cycle is less than
100% and the LTC1772 is in continuous mode, the RDS(ON)
is governed by:
R
P
DC I
p
DS ON
P
OUT
() ≅ ()
+
()
2 1 δ
where DC is the maximum operating duty cycle of the
LTC1772.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com