Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1772CS6 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1772CS6
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772CS6 Datasheet(HTML) 3 Page - Linear Technology

  LTC1772CS6 Datasheet HTML 1Page - Linear Technology LTC1772CS6 Datasheet HTML 2Page - Linear Technology LTC1772CS6 Datasheet HTML 3Page - Linear Technology LTC1772CS6 Datasheet HTML 4Page - Linear Technology LTC1772CS6 Datasheet HTML 5Page - Linear Technology LTC1772CS6 Datasheet HTML 6Page - Linear Technology LTC1772CS6 Datasheet HTML 7Page - Linear Technology LTC1772CS6 Datasheet HTML 8Page - Linear Technology LTC1772CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1772
1772fb
TYPICAL PERFOR A CE CHARACTERISTICS
Reference Voltage
vs Temperature
Normalized Frequency
vs Temperature
Undervoltage Lockout Trip
Voltage vs Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125 145
1772 G01
825
820
815
810
805
800
795
790
785
780
775
VIN = 4.2V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125 145
1772 G02
10
8
6
4
2
0
–2
–4
–6
–8
–10
VIN = 4.2V
DUTY CYCLE (%)
20
30
40
50
60
70
80
90
100
1772 G04
130
120
110
100
90
80
70
60
50
VIN = 4.2V
TA = 25°C
Maximum (VIN – SENSE–) Voltage
vs Duty Cycle
Shutdown Threshold
vs Temperature
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1772E is guaranteed to meet specifications from 0
°Cto
70
°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization and correlation with statistical
process controls. The LTC1772I is guaranteed to meet specified
performance from –40
°C to 85°C. The LTC1772H is guaranteed to meet
specified performance from –40
°C to 140°C.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA°C/W)
Operation at high junction temperatures degrades operating lifetimes.
Operating lifetimes at junction temperatures greater than 125
°C is derated
to 1000 hours.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 5: The LTC1772 is tested in a feedback loop that servos VFB to the
output of the error amplifier.
Note 6: Peak current sense voltage is reduced dependent on duty cycle to
a percentage of value as given in Figure 2.
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125 145
1772 G05
550
510
470
430
390
350
310
270
230
190
150
VIN = 4.2V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125 145
1772 G03
2.14
2.10
2.06
2.02
1.98
1.94
1.90
1.86
1.82
1.78
1.74
VIN FALLING
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com