Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1772CS6 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1772CS6
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772CS6 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1772CS6 Datasheet HTML 4Page - Linear Technology LTC1772CS6 Datasheet HTML 5Page - Linear Technology LTC1772CS6 Datasheet HTML 6Page - Linear Technology LTC1772CS6 Datasheet HTML 7Page - Linear Technology LTC1772CS6 Datasheet HTML 8Page - Linear Technology LTC1772CS6 Datasheet HTML 9Page - Linear Technology LTC1772CS6 Datasheet HTML 10Page - Linear Technology LTC1772CS6 Datasheet HTML 11Page - Linear Technology LTC1772CS6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1772
1772fb
LTC1772 High Efficiency, Small Footprint 3.3V to 1.8V/0.5A Regulator
ITH/RUN
LTC1772
R4
10k
R1
0.15
Ω
R2
100k
R3
80.6k
L1
10
µH
M1
D1
C3
220pF
GND
VFB
6
5
4
1772 TA02
1
2
3
PGATE
VIN
SENSE–
C1
10
µF
10V
VIN
3.3V
VOUT
1.8V
0.5A
C2
47
µF
6V
+
C1: TAIYO YUDEN CERAMIC
LMK325BJ106K-T
C2: SANYO POSCAP 6TPA47M
D1: MOTOROLA MBRM120T3
L1: COILTRONICS UP1B-100
M1: Si3443DV
R1: DALE 0.25W
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
TYPICAL APPLICATIO
S6 Package
6-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1636)
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45
6 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S6 TSOT-23 0302
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com