Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1772CS6 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1772CS6
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772CS6 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1772CS6 Datasheet HTML 4Page - Linear Technology LTC1772CS6 Datasheet HTML 5Page - Linear Technology LTC1772CS6 Datasheet HTML 6Page - Linear Technology LTC1772CS6 Datasheet HTML 7Page - Linear Technology LTC1772CS6 Datasheet HTML 8Page - Linear Technology LTC1772CS6 Datasheet HTML 9Page - Linear Technology LTC1772CS6 Datasheet HTML 10Page - Linear Technology LTC1772CS6 Datasheet HTML 11Page - Linear Technology LTC1772CS6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1772
1772fb
LT/LT 0605 500 REV B • PRINTED IN USA
RELATED PARTS
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1147 Series
High Efficiency Step-Down Switching Regulator Controllers
100% Duty Cycle, 3.5V
≤ VIN ≤ 16V
LT1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency, Small Inductor, High Efficiency
LTC1622
Low Input Voltage Current Mode Step-Down DC/DC Controller
VIN 2V to 10V, IOUT Up to 4.5A, Synchronizable to
750kHz Optional Burst Mode Operation, 8-Lead MSOP
LTC1624
High Efficiency SO-8 N-Channel Switching Regulator Controller
N-Channel Drive, 3.5V
≤ VIN ≤ 36V
LTC1625
No RSENSE
TM Synchronous Step-Down Regulator
97% Efficiency, No Sense Resistor
LTC1627
Low Voltage, Monolithic Synchronous Step-Down Regulator
Low Supply Voltage Range: 2.65V to 8V, IOUT = 0.5A
LTC1649
3.3V Input Synchronous Controller
No Need for 5V Supply, Uses Standard Logic Gate
MOSFETs; IOUT up to 15A
LTC1702
550kHz, 2 Phase, Dual Synchronous Controller
Two Channels; Minimum CIN and COUT, IOUT up to 15A
LTC1735
Single, High Efficiency, Low Noise Synchronous Switching Controller
High Efficiency 5V to 3.3V Conversion at up to 15A
LTC1771
Ultra-Low Supply Current Step-Down DC/DC Controller
10
µA Supply Current, 93% Efficiency,
1.23V
≤ VOUT ≤ 18V; 2.8V ≤ VIN ≤ 20V
LTC1872
SOT-23 Step-Up Controller
2.5V
≤ VIN ≤ 9.8V; 550kHz; 90% Efficiency
No RSENSE is a trademark of Linear Technology Corporation.
TYPICAL APPLICATIONS
LTC1772 3.3V to 5V/1A Boost Regulator
ITH/RUN
LTC1772
R4
10k
R1
0.033
Ω
R2
422k
R3
80.6k
L1
4.7
µH
M1
D1
C3
220pF
U1: FAIRCHILD NC7SZ04
GND
VFB
6
3
4
2
5
5
4
1772 TA03
1
2
3
PGATE
VIN
SENSE–
C1
47
µF
16V
×2
VOUT
5V
1A
VIN
3.3V
C2
100
µF
10V
×2
+
U1
C1: AVXTPSE476M016R0047
C2: AVXTPSE107M010R0100
D1: IR10BQ015
L1: MURATA LQN6C-4R7
M1: Si9804
R1: DALE 0.25W
ALSO SEE LTC1872
FOR THIS APPLICATION
LTC1772 5V/0.5A Flyback Regulator
ITH/RUN
LTC1772
R4
10k
R1
0.033
Ω
10
µH
10
µH
R2
52.3k
R3
10k
M1
D1
T1
C3
220pF
C1: AVXTPSE476M016R0047
C2: AVXTPSE107M010R0100
D1: IR10BQ015
M1: Si9803
R1: DALE 0.25W
T1: COILTRONICS CTX10-4
GND
VFB
6
5
4
•
•
1772 TA04
1
2
3
PGATE
VIN
SENSE–
VIN
2.5V
TO 9.8V
VOUT
5V
0.5A
C2
100
µF
10V
×2
C2
47
µF
16V
×2
C5
150pF
CERAMIC
R6
100
Ω
+
C4
100pF
CERAMIC
R5
22
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com