Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2050CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2050CS8
Description  Zero-Drift Operational Amplifi ers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC2050CS8 Datasheet HTML 1Page - Linear Technology LTC2050CS8 Datasheet HTML 2Page - Linear Technology LTC2050CS8 Datasheet HTML 3Page - Linear Technology LTC2050CS8 Datasheet HTML 4Page - Linear Technology LTC2050CS8 Datasheet HTML 5Page - Linear Technology LTC2050CS8 Datasheet HTML 6Page - Linear Technology LTC2050CS8 Datasheet HTML 7Page - Linear Technology LTC2050CS8 Datasheet HTML 8Page - Linear Technology LTC2050CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2050/LTC2050HV
1
2050fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Zero-Drift
Operational Amplifiers
in SOT-23
The LTC®2050 and LTC2050HV are zero-drift operational
amplifiers available in the 5- or 6-lead SOT-23 and SO-8
packages. The LTC2050 operates from a single 2.7V to
6V supply. The LTC2050HV operates on supplies from
2.7V to ±5.5V. The current consumption is 800μA and the
versions in the 6-lead SOT-23 and SO-8 packages offer
power shutdown (active low).
The LTC2050, despite its miniature size, features uncom-
promising DC performance. The typical input offset voltage
and offset drift are 0.5μV and 10nV/°C. The almost zero
DC offset and drift are supported with a power supply
rejection ratio (PSRR) and common mode rejection ratio
(CMRR) of more than 130dB.
The input common mode voltage ranges from the nega-
tive supply up to typically 1V from the positive supply.
The LTC2050 also has an enhanced output stage capable
of driving loads as low as 2kΩ to both supply rails. The
open-loop gain is typically 140dB. The LTC2050 also
features a 1.5μVP-P DC to 10Hz noise and a 3MHz gain
bandwidth product.
n Maximum Offset Voltage of 3μV
n Maximum Offset Voltage Drift of 30nV/°C
n Noise: 1.5μVP-P (0.01Hz to 10Hz Typ)
n Voltage Gain: 140dB (Typ)
n PSRR: 130dB (Typ)
n CMRR: 130dB (Typ)
n Supply Current: 0.8mA (Typ)
n Supply Operation: 2.7V to 6V (LTC2050)
2.7V to ±5.5V (LTC2050HV)
n Extended Common Mode Input Range
n Output Swings Rail-to-Rail
n Input Overload Recovery Time: 2ms (Typ)
n Operating Temperature Range: –40°C to 125°C
n SOT-23 Package
n Thermocouple Amplifiers
n Electronic Scales
n Medical Instrumentation
n Strain Gauge Amplifiers
n High Resolution Data Acquisition
n DC Accurate RC Active Filters
n Low Side Current Sense
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Input Referred Noise 0.1Hz to 10Hz
Differential Bridge Amplifier
–
+
5V
0.1μF
18.2k
0.1μF
18.2k
5
1
2
3
4
0.1μF
5V
AV = 100
2050 TA01
350Ω
STRAIN
GAUGE
50Ω
GAIN
TRIM
LTC2050HV
–5V
2
1
0
–1
–2
24
0
6
8
10
TIME (SEC)


Similar Part No. - LTC2050CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050CS8 LINER-LTC2050CS8 Datasheet
120Kb / 4P
Zero-Drift Operational Amplifier in SOT-23
More results

Similar Description - LTC2050CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050 LINER-LTC2050 Datasheet
120Kb / 4P
Zero-Drift Operational Amplifier in SOT-23
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
logo
Linear Technology
LTC2050 LINER-LTC2050_15 Datasheet
206Kb / 16P
Zero-Drift Operational Amplifiers in SOT-23
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
Zero-Drift Operational Amplifiers in SOT-23
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
Ultra-Fast Operational Amplifi ers
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
Ultra-Fast, Wideband Operational Amplifi ers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com