Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2050CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2050CS8
Description  Zero-Drift Operational Amplifi ers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2050CS8 Datasheet HTML 8Page - Linear Technology LTC2050CS8 Datasheet HTML 9Page - Linear Technology LTC2050CS8 Datasheet HTML 10Page - Linear Technology LTC2050CS8 Datasheet HTML 11Page - Linear Technology LTC2050CS8 Datasheet HTML 12Page - Linear Technology LTC2050CS8 Datasheet HTML 13Page - Linear Technology LTC2050CS8 Datasheet HTML 14Page - Linear Technology LTC2050CS8 Datasheet HTML 15Page - Linear Technology LTC2050CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC2050/LTC2050HV
12
2050fb
High Precision Three-Input Mux
Instrumentation Amplifier with 100V Common Mode Input Voltage
Low-Side Power Supply Current Sensing
–
+
1
3
4
5
SEL1
10k
1.1k
IN 1
AV = 10
–
+
1
3
4
5
SEL2
10k
10Ω
IN 2
AV = 1000
–
+
1
3
4
5
SEL3
IN 3
AV = 1
LTC2050
LTC2050
LTC2050
OUT
SELECT INPUTS ARE CMOS LOGIC COMPATIBLE
2050 TA07
SHDN
SHDN
SHDN
–
+
LTC2050HV
1
4
3
2050 TA08
5
2
5V
–5V
TO
MEASURED
CIRCUIT
OUT
3V/AMP
LOAD CURRENT
IN MEASURED
CIRCUIT, REFERRED
TO –5V
10Ω
10k
3mΩ
0.1μF
LOAD CURRENT
–
+
LTC2050HV
–
+
LTC2050HV
1M
1M
1
3
4
2050 TA06
1k
1M
1k
1k
VOUT
5
2
1
3
4
5
2
V+
V–
V+
V–
OUTPUT OFFSET ≤3mV
FOR 0.1% RESISTORS, CMRR = 54dB
+
–
VIN
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com