Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2050CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2050CS8
Description  Zero-Drift Operational Amplifi ers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC2050CS8 Datasheet HTML 1Page - Linear Technology LTC2050CS8 Datasheet HTML 2Page - Linear Technology LTC2050CS8 Datasheet HTML 3Page - Linear Technology LTC2050CS8 Datasheet HTML 4Page - Linear Technology LTC2050CS8 Datasheet HTML 5Page - Linear Technology LTC2050CS8 Datasheet HTML 6Page - Linear Technology LTC2050CS8 Datasheet HTML 7Page - Linear Technology LTC2050CS8 Datasheet HTML 8Page - Linear Technology LTC2050CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2050/LTC2050HV
4
2050fb
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
(Note 2)
±0.5
±3
±0.5
±3
μV
Average Input Offset Drift
(Note 2)
l
±0.03
±0.05
μV/°C
Long-Term Offset Drift
50
50
nV/√mo
Input Bias Current
LTC2050
l
±20
±75
±300
±20
±75
±4000
pA
pA
LTC2050HV
l
±1
±50
±100
±1
±50
±4000
pA
pA
Input Offset Current
LTC2050
l
±150
±200
±150
±1000
pA
pA
LTC2050HV
l
±100
±150
±100
±1000
pA
pA
Input Noise Voltage
RS = 100Ω, 0.01Hz to 10Hz
1.5
1.5
μVP-P
Input Capacitance
1.7
1.7
pF
Common Mode Rejection Ratio
VCM = GND to (V+ – 1.3)
VCM = GND to (V+ – 1.3)
l
115
110
130
130
115
110
130
130
dB
dB
Power Supply Rejection Ratio
VS = 2.7V to 6V
l
120
115
130
130
120
115
130
130
dB
dB
Large-Signal Voltage Gain
RL = 10k
l
120
115
140
140
120
115
140
140
dB
dB
Output Voltage Swing High
RL = 2k to GND
RL = 10k to GND
l
l
2.85
2.95
2.94
2.98
2.85
2.95
2.94
2.98
V
V
Output Voltage Swing Low
RL = 2k to GND
RL = 10k to GND
l
l
1
1
10
10
1
1
10
10
mV
mV
Slew Rate
22
V/μs
Gain Bandwidth Product
3
3
MHz
Supply Current
VSHDN = VIH, No Load
VSHDN = VIL
l
l
0.75
1.1
10
0.75
1.2
10
mA
μA
Shutdown Pin Input Low Voltage (VIL)
l
V– + 0.5
V– + 0.5
V
Shutdown Pin Input High Voltage (VIH)
l
V+ – 0.5
V+ – 0.5
V
Shutdown Pin Input Current
VSHDN = GND
l
–0.5
–3
–0.5
–3
μA
Internal Sampling Frequency
7.5
7.5
kHz
(LTC2050, LTC2050HV) The
l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com