Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC4014 Datasheet(PDF) 42 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 42 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 38Page - Texas Instruments GC4014 Datasheet HTML 39Page - Texas Instruments GC4014 Datasheet HTML 40Page - Texas Instruments GC4014 Datasheet HTML 41Page - Texas Instruments GC4014 Datasheet HTML 42Page - Texas Instruments GC4014 Datasheet HTML 43Page - Texas Instruments GC4014 Datasheet HTML 44Page - Texas Instruments GC4014 Datasheet HTML 45Page - Texas Instruments GC4014 Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
GRAYCHIP, INC.
- 37 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
Table 15: Diagnostic Test 3 Configuration
Control Registers
Channel pages 4,5,6,7
Coefficient Pages
Address
Data
Address
Page 4
Page 5
Page 6
Page 7
Page 8
Page 9
Page 10
Page 11
00 (HEX)
2A (HEX)
10 (HEX)
12 (HEX)
45 (HEX)
AA (HEX)
55 (HEX)
AA
AA
AA
AA
01
80->822
11
23
23
55
AA
55
55
55
55
02
07
12
34
34
AA
55
AA
AA
AA
AA
03
00
13
00
01
02
03
55
55
55
55
04
72
14
55
55
55
55
AA
AA
AA
AA
05
00
15
55
55
55
55
55
55
55
55
06
00
16
FF
AA
55
80
AA
AA
AA
AA
07
00
17
04
04
04
04
55
55
55
55
08
51
18
AA
AA
AA
AA
AA
AA
AA
AA
09
AA
19
55
55
55
55
0A
FF
1A
AA
AA
AA
AA
0B
0F
1B
55
55
55
55
0C
88
1C
AA
AA
AA
AA
0D
0P
1D
55
55
55
55
0E
00
1E
AA
AA
AA
AA
0F
BA1
1F
55
55
55
55
1. This is the read-only expected checksum
2. Initialize to 80, then set to 82 after coefficients have been loaded
Table 16: Diagnostic Test 4 Configuration
Control Registers
Channel pages 4,5,6,7
Coefficient Pages
Address
Data
Address
Page 4
Page 5
Page 6
Page 7
Page 8
Page 9
Page 10
Page 11
00 (HEX)
2A (HEX)
10 (HEX)
55 (HEX)
12 (HEX)
45 (HEX)
AA (HEX)
55
55
55
55
01
80->822
11
AA
23
23
55
AA
AA
AA
AA
02
FF
12
55
34
34
AA
55
55
55
55
03
00
13
03
00
01
02
AA
AA
AA
AA
04
40
14
AA
AA
AA
AA
55
55
55
55
05
00
15
AA
AA
AA
AA
AA
AA
AA
AA
06
00
16
AA
55
7F
FF
55
55
55
55
07
00
17
04
04
04
04
AA
AA
AA
AA
08
51
18
AA
AA
AA
AA
55
55
55
55
09
AA
19
AA
AA
AA
AA
0A
FF
1A
55
55
55
55
0B
0F
1B
AA
AA
AA
AA
0C
88
1C
55
55
55
55
0D
0P
1D
AA
AA
AA
AA
0E
00
1E
55
55
55
55
0F
D21
1F
AA
AA
AA
AA
1. This is the read-only expected checksum
2. Initialize to 80, then set to 82 after coefficients have been loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com