Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC4014 Datasheet(PDF) 8 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 8 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 4Page - Texas Instruments GC4014 Datasheet HTML 5Page - Texas Instruments GC4014 Datasheet HTML 6Page - Texas Instruments GC4014 Datasheet HTML 7Page - Texas Instruments GC4014 Datasheet HTML 8Page - Texas Instruments GC4014 Datasheet HTML 9Page - Texas Instruments GC4014 Datasheet HTML 10Page - Texas Instruments GC4014 Datasheet HTML 11Page - Texas Instruments GC4014 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
GRAYCHIP, INC.
- 3 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
processor has read the value from C[0:7] it should set RD and CE high. The C[0:7] pins are turned off (high
impedance) whenever CE or RD are high or when WR is low. The chip will only drive these pins when both CE and
RD are low and WR is high.
One can also ground the RD pin and use the WR pin as a read/write direction control and use the CE pin
as a control I/O strobe. Figure 2 shows timing diagrams illustrating both I/O modes.
Figure 2. Control I/O Timing
The setup, hold and pulse width requirements for control read or write operations are given in
Section 6.0.
The C, A, WR, RD and CE pins will accept either 5 volt or 3.3 volt input levels. A separate power supply
voltage pin (VUP) is provided on the chip to enable this feature.
3.2
INPUT FORMAT
Both 14 bit and 16 bit input formats are accepted. In the 14 bit mode the inputs are 14 bit samples from four
different sources. In the 16 bit mode, the inputs are 16 bit samples from three different sources. In either case, a
crossbar switch allows the user to route any input to any down-converter channel. The input samples are normally
clocked into the chip at the clock rate, i.e., the input sample rate is equal to the clock rate. Input rates lower than the
clock rate can be accepted by using the zero pad mode. The zero pad mode will insert up to 15 zeroes between
CE
WR
RD
C[0-7]
A[0-5]
tCSU
tCDLY
tCSU
tCZ
READ CYCLE- NORMAL MODE
CE
WR
RD
C[0-7]
A[0-5]
tCSU
tCSPW
tCSU
tCHD
WRITE CYCLE- NORMAL MODE
WR
CE
C[0-7]
A[0-5]
tCDLY
tCSU
tCZ
tCHD
tCHD
CE
WR
C[0-7]
A[0-5]
tCSPW
tCSU
tCHD
READ CYCLE- RD HELD LOW
WRITE CYCLE- RD HELD LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com