Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC4014 Datasheet(PDF) 43 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 43 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 38Page - Texas Instruments GC4014 Datasheet HTML 39Page - Texas Instruments GC4014 Datasheet HTML 40Page - Texas Instruments GC4014 Datasheet HTML 41Page - Texas Instruments GC4014 Datasheet HTML 42Page - Texas Instruments GC4014 Datasheet HTML 43Page - Texas Instruments GC4014 Datasheet HTML 44Page - Texas Instruments GC4014 Datasheet HTML 45Page - Texas Instruments GC4014 Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
GRAYCHIP, INC.
- 38 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
7.8
OUTPUT TEST CONFIGURATION
The following configuration allows the user to debug the output interface to insure that the GC4014 data is
being received properly by the following circuitry. The configuration in the following table will generate a fixed output
sequence of four values (two complex pairs) which will repeat indefinitely:
The programmable PFIR coefficients are not used and do not need to be loaded. The user should change
address 6 (Output Format Register) to reflect the desired serial or link output mode. The expected results for various
decimation ratios are shown below:
The output sequence is the same for all power-of-two decimations. Other decimation ratios, with the SCALE
and BIG_SCALE values being the maximum which satisfy:
, will result in
sequences with the same I values, but with slightly different Q values.
Table 17: Output Test Configuration
Control Registers
Channel pages 4,5,6,7
Address
Data
Address
Data
00 (HEX)
6A (HEX)1
10 (HEX)
00 (HEX)
01
81
11
00
02
0F2
12
00
03
002
13
00
04
632
14
00
05
00
15
00
06
113
16
80
07
10
17
74
08
50
18
FF
09
AA
19
0A
FF
1A
0B
FF
1B
0C
0F
1C
0D
0P4
1D
0E
00
1E
0F
read only
1F
1. Initialize to 6A while configuring the chip(s), then set to EA, then back to 6A to fire off the one-shot sync.
2. Gives an overall decimate by 64, See Table 18 for other values.
3. Value is application dependent.
4. “P” is the page number. The upper nibble should stay at “0¨.
Table 18: Test Output Sequence
Decimation Controls
Output Sequence
Overall
Decimation
Addresses
2, 3
Address 4
I0
Q0
I1
Q1
32
07, 00
71
8000
FD00
7F00
0300
64
0F, 00
63
128
1F, 00
55
256
3F, 00
51
512
7F, 00
43
1024
FF, 00
35
2048
FF, 01
31
100
18, 00
60
8000
FE00
7F00
0200
SCALE
6
BIG_SCALE
×
+
()
56
4log
2N
–
()
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com