Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC4014 Datasheet(PDF) 23 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 23 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 19Page - Texas Instruments GC4014 Datasheet HTML 20Page - Texas Instruments GC4014 Datasheet HTML 21Page - Texas Instruments GC4014 Datasheet HTML 22Page - Texas Instruments GC4014 Datasheet HTML 23Page - Texas Instruments GC4014 Datasheet HTML 24Page - Texas Instruments GC4014 Datasheet HTML 25Page - Texas Instruments GC4014 Datasheet HTML 26Page - Texas Instruments GC4014 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
GRAYCHIP, INC.
- 18 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
5.2
DECIMATION MODE REGISTER
Registers 1 and 2 control the decimation modes for the chip. These settings are common to all channels
ADDRESS 1:
Decimation Mode
, suggested default = 0x80, power up resets to 0.
BIT
TYPE
NAME
DESCRIPTION
0 LSB
R/W
REAL
Enables the PFIR’s real output mode. (See Section 3.3.6). The real outputs are formatted
into complex pairs in the real mode. The I-output words contain are the even-time real
outputs and the Q-outputs contain the odd-time real outputs.
1
R/W
FILTER_SELECT
The user downloaded filter coefficients are used instead of the built in filter coefficients for
the second stage FIR filter when this bit is set.
2
R/W
RDY_POL
This control bit inverts the polarity of the RDY output. Normally RDY pulses high when a new
sample is ready and an output sample period (OSP) is starting. RDY will pulse low when
RDY_POL is high.
3
R/W
RDY_WIDTH
Normally the RDY pin will pulse active for four clock cycles. This control bit forces RDY to be
active for 16 clocks.
4
R/W
LINK_MODE
Output the data in the nibble-serial link mode. The RDY/ACK pin becomes an input pin in this
mode. NOTE: To use the link mode this bit must be set before the OUTPUT_ENABLE control
bit in register 8 is set, otherwise the RDY/ACK pin will be driven as an output, possibly
damaging the pin.
5
R/W
SO_INT_MODE
The SO output pin is used as an overflow interrupt pin when this bit is set. If an overflow due
to gain settings occurs in any of the channels the SO pin will go low if this bit is set.
6
R/W
NO_SYMMETRY
The second stage decimate by two filter is normally a 63 tap symmetric filter. It becomes a
32 tap non-symmetric filter when this bit is set. ERRATA: The non-symmetry mode does not
work properly for parts marked with mask code 55532B, parts with other mask codes work.
Contact GRAYCHIP for details.
7 MSB
R/W
EN_DOUBLER
This bit must be set to enable the clock doubler circuit when the CKMODE pin is low. This bit
is ignored when CKMODE pin is tied high.
5.3
CIC DECIMATION REGISTERS
Registers 2, and 3 contain the 14 bit CIC decimation ratio control.
ADDRESS 2:
Decimation Byte 0
, suggested default = 0x07
BIT
TYPE
NAME
DESCRIPTION
0-7
R/W
DEC[0:7]
The LSBs of the decimation control
ADDRESS 3:
Decimation Byte 1
, suggested default = 0x00
BIT
TYPE
NAME
DESCRIPTION
0-5
R/W
DEC[8:13]
The 6 MSBs of the decimation control
6,7
R
zero
These bits are read only zeros.
Where DEC is equal to N-1. The chip decimates the input data by a factor of 2N for real output data and 4N
for complex output data (or 8N if DEC_BY_4 is set in Register 13), where N ranges from 8 to 16384. This provides
an decimation range from 32 to 65,536 for complex output signals and 16 to 32,768 for real output signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com