Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABTH32318HT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ABTH32318HT
Description  18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABTH32318HT Datasheet(HTML) 6 Page - Texas Instruments

  SN54ABTH32318HT Datasheet HTML 1Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 2Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 3Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 4Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 5Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 6Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 7Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 8Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN54ABTH32318, SN74ABTH32318
18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SCBS180E – JUNE 1992 – REVISED MAY 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ABTH32318
SN74ABTH32318
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
V
VCC = 4.5 V
IOH = –32 mA
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55
0.55
V
Vhys
100
100
mV
II
Control inputs
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
µA
II
A, B, or C ports
VCC = 2.1 V to 5.5 V,
VI = VCC or GND
±20
±20
µA
II(h ld) ABor C ports
VCC =4 5V
VI = 0.8 V
100
100
µA
II(hold) A, B, or C ports
VCC = 4.5 V
VI = 2 V
–100
–100
µA
IOZPU‡
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
IOZPD‡
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V, VO = 5.5 V
Outputs high
50
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–100
–180
mA
VCC = 5.5 V,
Outputs high
2
2
ICC
VCC = 5.5 V,
IO = 0,
Outputs low
45
45
mA
VI = VCC or GND
Outputs disabled
1
1
∆ICC¶
VCC = 5.5 V, One input at 3.4 V,
05
05
mA
∆ICC¶
CC
Other inputs at VCC or GND
0.5
0.5
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
3
3
pF
Cio
A, B, or C ports
VO = 2.5 V or 0.5 V
11.5
11.5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter is specified by characterization.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABTH32318
SN74ABTH32318
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
150
150
MHz
t
Pulse duration
LE high
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
ns
t
Setup time
A, B, or C before CLK
↑
2.4
2.4
ns
tsu
Setup time
A, B, or C before LE
↓
2.1
2.1
ns
th
Hold time
A, B, or C after CLK
↑
1.4
1.4
ns
th
Hold time
A, B, or C after LE
↓
2.1
2.1
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com