Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABTH32318HT Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54ABTH32318HT
Description  18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABTH32318HT Datasheet(HTML) 7 Page - Texas Instruments

  SN54ABTH32318HT Datasheet HTML 1Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 2Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 3Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 4Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 5Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 6Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 7Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 8Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ABTH32318, SN74ABTH32318
18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SCBS180E – JUNE 1992 – REVISED MAY 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ABTH32318
SN74ABTH32318
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
A B or C
CBor A
1.4
6.5
1.4
6.1
ns
tPHL
A, B, or C
C, B, or A
1.1
6.8
1.1
6.6
ns
tPLH
SEL
ABor C
1.4
6.7
1.4
6.5
ns
tPHL
SEL
A, B, or C
1.8
6.8
1.8
6.5
ns
tPLH
LE
ABor C
2.6
8
2.6
7.5
ns
tPHL
LE
A, B, or C
2.6
7.4
2.6
6.9
ns
tPLH
CLK
ABor C
2.5
8
2.5
7.4
ns
tPHL
CLK
A, B, or C
2.5
7.2
2.5
6.7
ns
tPZH
OE
ABor C
1.4
6.9
1.4
6.8
ns
tPZL
OE
A, B, or C
2.4
7.2
2.4
7.1
ns
tPHZ
OE
ABor C
1
6.4
1
6.2
ns
tPLZ
OE
A, B, or C
2
6.4
2
6
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com