Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABTH32318HT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54ABTH32318HT
Description  18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABTH32318HT Datasheet(HTML) 1 Page - Texas Instruments

  SN54ABTH32318HT Datasheet HTML 1Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 2Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 3Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 4Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 5Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 6Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 7Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 8Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54ABTH32318, SN74ABTH32318
18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SCBS180E – JUNE 1992 – REVISED MAY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus+
™ Family
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D UBE ™ (Universal Bus Exchanger)
Combines D-Type Latches and D-Type
Flip-Flops for Operation in Transparent,
Latched, or Clocked Mode
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 5 V, TA = 25°C
D High-Impedance State During Power Up
and Power Down
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Package Options Include 80-Pin Plastic
Thin Quad Flat (PN) Package With
12
× 12-mm Body Using 0.5-mm Lead Pitch
and 84-Pin Ceramic Quad Flat (HT) Package
22 23
C8
C7
C6
GND
C5
C4
C3
C2
C1
VCC
GND
B18
B17
B16
B15
B14
GND
B13
B12
B11
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A2
A3
A4
GND
A5
A6
A7
A8
A9
VCC
GND
A10
A11
A12
A13
A14
GND
A15
A16
A17
25 26 27 28
SN74ABTH32318 . . . PN PACKAGE
(TOP VIEW)
79 78 77 76 75
80
74
72 71 70
73
29 30 31 32 33
69 68
21
67 66 65 64
34 35 36 37 38 39 40
63 62 61
Copyright
© 1997, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Widebus+, EPIC-
ΙΙB, and UBE are trademarks of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN54ABTH32318HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
189Kb / 11P
18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI2-SN54ABTH32318 Datasheet
420Kb / 14P
18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
REVISED MAY 1997
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

Similar Description - SN54ABTH32318HT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT16500 NSC-54ABT16500 Datasheet
113Kb / 8P
18-Bit Universal Bus Transceivers with TRI-STATE Outputs
logo
NXP Semiconductors
74ABT16501A PHILIPS-74ABT16501A Datasheet
88Kb / 13P
18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Texas Instruments
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
16-BIT TRI-PORT BUS EXCHANGER
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
16-BIT TRI-PORT BUS EXCHANGER
logo
Texas Instruments
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316_07 Datasheet
197Kb / 12P
16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABT32318 TI1-SN54ABT32318 Datasheet
157Kb / 9P
16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com