Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABTH32318HT Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54ABTH32318HT
Description  18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABTH32318HT Datasheet(HTML) 3 Page - Texas Instruments

  SN54ABTH32318HT Datasheet HTML 1Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 2Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 3Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 4Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 5Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 6Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 7Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 8Page - Texas Instruments SN54ABTH32318HT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN54ABTH32318, SN74ABTH32318
18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SCBS180E – JUNE 1992 – REVISED MAY 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The SN54ABTH32318 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABTH32318 is characterized for operation from –40
°C to 85°C.
Function Tables
STORAGE†
INPUTS
OUTPUT
CLKA
LEA
A
OUTPUT
↑
L
L
L
↑
LH
H
H
LX
Q0‡
L
LX
Q0‡
X
HL
L
X
H
H
H
† A-port register shown. B and C ports are
similar but use CLKB, CLKC, LEB, and
LEC.
‡ Output level before the indicated
steady-state
input
conditions
were
established
A-PORT OUTPUT
INPUTS
OUTPUT A
OEA
SELA
OUTPUT A
H
X
Z
L
H
Output of C register
L
L
Output of B register
B-PORT OUTPUT
INPUTS
OUTPUT B
OEB
SELB
OUTPUT B
H
X
Z
L
H
Output of A register
L
L
Output of C register
C-PORT OUTPUT
INPUTS
OUTPUT C
OEC
SELC
OUTPUT C
H
X
Z
L
H
Output of B register
L
L
Output of A register



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com