Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2050 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2050
Description  Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2050 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2050 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC1050, CLC2050, CLC4050
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
Amplify the Human Experience
F E A T U R E S
n
Unity gain stable
n
100dB voltage gain
n
550kHz unity gain bandwidth
n
0.5mA supply current
n
20nA input bias current
n
2mV input offset voltage
n
3V to 36V single supply voltage range
n
±1.5V to ±18V dual supply voltage range
n
Input common mode voltage range
includes ground
n
0V to VS-1.5V output voltage swing
n
CLC2050: improved replacement for
industry standard LM358
n
CLC4050: Improved replacement for
industry standard LM324
n
CLC1050: Pb-free SOT23-5
n
CLC2050: Pb-free SOIC-8
n
CLC4050: Pb-free SOIC-14
A P P L I C A T I O N S
n
Battery Charger
n
Active Filters
n
Transducer amplifiers
n
General purpose controllers
n
General purpose instruments
General Description
The COMLINEAR CLC1050 (single), CLC2050 (dual), and CLC4050 (quad)
are voltage feedback amplifiers that are internally frequency compensated to
provide unity gain stability. At unity gain (G=1), these amplifiers offer 550kHz
of bandwidth. They consume only 0.5mA of supply current over the entire
power supply operating range. The CLC1050, CLC2050, and CLC4050 are
specifically designed to operate from single or dual supply voltages.
The COMLINEAR CLC1050, CLC2050, and CLC4050 offer a common mode
voltage range that includes ground and a wide output voltage swing. The
combination of low-power, high supply voltage range, and low supply current
make these amplifiers well suited for many general purpose applications and
as alternatives to several industry standard amplifiers on the market today.
Typical Application - Voltage Controlled Oscillator (VCO)
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1050IST5X
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC2050ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC4050ISO14X
SOIC-14
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
VCC
V+/2
R
100k
51k
51k
0.05µF
Output 2
51k
R/2
50k
–
+
1/2
CLCx050
–
+
1/2
CLCx050
Output 1
100k
10k


Similar Part No. - CLC2050

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC2050 EXAR-CLC2050 Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
CLC2050ISO8X EXAR-CLC2050ISO8X Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
More results

Similar Description - CLC2050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
logo
Cadeka Microcircuits LL...
LM358 CADEKA-LM358 Datasheet
1Mb / 15P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Rev 1A
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
logo
Exar Corporation
CLC1050 EXAR-CLC1050 Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
36V Low Power Dual/Quad Differential Comparators
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
36V Low Power Dual/Quad Differential Comparators
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com