Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2050 Datasheet(PDF) 15 Page - Cadeka Microcircuits LLC.

Part # CLC2050
Description  Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2050 Datasheet(HTML) 15 Page - Cadeka Microcircuits LLC.

Back Button CLC2050 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 17Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
15
R1
910K
VO
R2
100K
R3
91K
+VIN
VCC
RL
1/2
CLCx050
–
+
Figure 17. Power Amplifier
V
O
R5
100k
R1
100k
R2
100k
R3
100k
R4
100k
R6
100k
+V1
+V2
+V3
+V4
1/2
CLCx050
+
–
Figure 18. DC Summing Amplifier
VCC
RB
6.2k
RL
10k
R1
100k
R2
1M
R4
100k
C1
0.1µF
C2
10µF
R3
1M
R5
100k
CIN
CO
VO
AV = 1 + R2/R1
AV = 11 (As shown)
–
+
AC
1/2
CLCx050
Figure 19. AC-Coupled Non-Inverting Amplifier
Vcc
R4
3k
R3
2k
+
–
2V
+
–
2V
I1
I2
1mA
1/2
CLCx050
R1
2k
R2
–
+
Figure 20. Fixed Current Sources
R1
1M
R2
100k
R3
100k
R5
100k
R4
100k
VO
Vcc
1/2
CLCx050
0.001µF
–
+
Figure 21. Pulse Generator
VO
VIN
1/2
CLCx050
C1
0.01µF
C2
0.01µF
R3
100k
R1
16k
R2
16k
R4
100k
fO
fO=1kHz
Q=1
AV=2
VO
0
+
–
Figure 22. DC-Coupled Low-Pass Active Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com