Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2050 Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # CLC2050
Description  Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2050 Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button CLC2050 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 17Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
14
Figure 13. CEB018 Schematic
Figure 14 CEB018 Top View
Figure 15. CEB018 Bottom View
Typical Applications
AC Line
SMPS
R2
Current
Sense
R7
R8
Battery
Pack
R4
R3
AZ431
R5
R1
Opto Isolator
V
CC
GND
+
–
1/2
CLCx050
V
CC
GND
+
–
1/2
CLCx050
R6
Figure 16. Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com