Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2050 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CLC2050
Description  Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2050 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CLC2050 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2050 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
4
Electrical Characteristics
TA = 25°C (if bold, TA = -40 to +85°C), Vs = +5V, -Vs = GND, Rf = Rg =2kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise
noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBWSS
Unity Gain Bandwidth
G = +1, VOUT = 0.2Vpp, VS = 5V
330
kHz
G = +1, VOUT = 0.2Vpp, VS = 30V
550
kHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp, VS = 5V
300
kHz
G = +1, VOUT = 0.2Vpp, VS = 30V
422
kHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 1Vpp, VS = 5V
107
kHz
G = +2, VOUT = 2Vpp, VS = 30V
76
kHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 1V step; (10% to 90%), VS = 5V
4
µs
VOUT = 2V step; (10% to 90%), VS = 30V
5.6
µs
OS
Overshoot
VOUT = 0.2V step
1
%
SR
Slew Rate
1V step, VS = 5V
200
V/ms
4V step, VS = 30V
285
V/ms
Distortion/Noise Response
THD
Total Harmonic Distortion
VOUT = 2Vpp, f = 1kHz, G = 20dB,
CL = 100pF, VS = 30V
0.015
%
en
Input Voltage Noise
> 10kHz, VS = 5V
45
nV/√Hz
> 10kHz, VS = 30V
40
nV/√Hz
XTALK
Crosstalk
Channel-to-channel, 1kHz to 20kHz
120
dB
DC Performance
VIO
Input Offset Voltage (1)
VOUT = 1.4V, RS = 0Ω, VS = 5V to 30V
2
5
mV
7
mV
dVIO
Average Drift
7
µV/°C
Ib
Input Bias Current (1)
VCM = 0V
20
100
nA
200
nA
IOS
Input Offset Current (1)
VCM = 0V
5
30
nA
100
nA
PSRR
Power Supply Rejection Ratio (1)
DC, VS = 5V to 30V
70
100
dB
60
dB
AOL
Open-Loop Gain (1)
+VS = 15V, RL = ≥2kΩ, VOUT = 1V to 11V
85
100
dB
80
dB
IS
Supply Current, CLC1050 (1)
RL = ∞, VS = 30V
0.65
1.5
mA
RL = ∞, VS = 5V
0.45
1.0
mA
Supply Current, CLC2050 (1)
RL = ∞, VS = 30V
0.7
2.0
mA
RL = ∞, VS = 5V
0.5
1.2
mA
Supply Current, CLC4050 (1)
RL = ∞, VS = 30V
1.0
3.0
mA
RL = ∞, VS = 5V
0.7
1.2
mA
Input Characteristics
CMIR
Common Mode Input Range (1,3)
+VS = 30V
0
+VS
- 1.5
V
CMRR
Common Mode Rejection Ratio (1)
DC, VCM = 0V to (+VS - 1.5V)
60
70
dB
60
dB
Output Characteristics
VOH
Output Voltage Swing, High (1)
+VS = 30V, RL = 2kΩ
26
V
26
V
+VS = 30V, RL = 10kΩ
27
28
V
27
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com