Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2230UP Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2230UP
Description  10-Bit,170Msps/135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2230UP Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2230UP Datasheet HTML 6Page - Linear Technology LTC2230UP Datasheet HTML 7Page - Linear Technology LTC2230UP Datasheet HTML 8Page - Linear Technology LTC2230UP Datasheet HTML 9Page - Linear Technology LTC2230UP Datasheet HTML 10Page - Linear Technology LTC2230UP Datasheet HTML 11Page - Linear Technology LTC2230UP Datasheet HTML 12Page - Linear Technology LTC2230UP Datasheet HTML 13Page - Linear Technology LTC2230UP Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2230/LTC2231
10
22301fb
SAMPLE RATE (Msps)
0
80
220
210
200
190
180
170
160
150
2231 G11
40
160 180
120
20
100
60
140
SAMPLE RATE (Msps)
0
80
60
50
40
30
20
10
0
2231 G12
40
160 180
120
20
100
60
140
SAMPLE RATE (Msps)
0
80
85
80
75
70
65
60
55
50
2231 G09
40
20
60
100
140 160
120
SFDR
SNR
SAMPLE RATE (Msps)
0
80
85
80
75
70
65
60
55
50
2231 G10
40
20
60
100
140 160
120
SFDR
SNR
2V RANGE
1V RANGE
INPUT LEVEL (dBFS)
0
100
90
80
70
60
50
40
30
20
10
0
–40
2231 G13
–10
–20
–30
–50
LVDS OUTPUTS, OVDD = 3.3V
CMOS OUTPUTS, OVDD = 1.8V
dBFS
dBc
LTC2231: SFDR and SNR
vs Sample Rate, 2V Range,
fIN = 30MHz, –1dB
LTC2231: SFDR and SNR
vs Sample Rate, 1V Range,
fIN = 30MHz, –1dB
LTC2231: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2231: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2231: SFDR vs Input Level,
fIN = 70MHz, 2V Range
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com