Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC211 Datasheet(PDF) 5 Page - Texas Instruments

Part # TC211
Description  192- 횞 165-pixel ccd image sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC211 Datasheet(HTML) 5 Page - Texas Instruments

  TC211 Datasheet HTML 1Page - Texas Instruments TC211 Datasheet HTML 2Page - Texas Instruments TC211 Datasheet HTML 3Page - Texas Instruments TC211 Datasheet HTML 4Page - Texas Instruments TC211 Datasheet HTML 5Page - Texas Instruments TC211 Datasheet HTML 6Page - Texas Instruments TC211 Datasheet HTML 7Page - Texas Instruments TC211 Datasheet HTML 8Page - Texas Instruments TC211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC211
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS008B – JANUARY 1990
2-5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, ADB
11
12
13
V
Substrate bias voltage
0
V
†
High level
1.5
2
2.5
†
IAG
Intermediate level‡
–10
–5
2
†
Low level
–11
–10
–9
Input voltage V †
SRG
High level
1.5
2
2.5
V
Input voltage, VI†
SRG
Low level
–11
–10
–9
V
High level
4
4.5
5
ABG
Intermediate level‡
–3
–2.5
–2
Low level
– 7.5
–7
– 6.5
IAG
1.5
Clock frequency, fclock
SRG
10
MHz
ABG
2
t1
Time interval, SRG
↓ to IAG↑
70
ns
t2
Time interval, IAG
↑ to SRG transfer pulse ↑
0
ns
tW1
Pulse duration, IAG high
350
ns
tW2
Pulse duration, SRG transfer pulse high
350
ns
t3
Time interval, IAG
↓ to SRG transfer pulse ↓
350
ns
t4
Time interval, SRG transfer pulse
↓ to SRG clock pulse ↑
70
ns
Capacitive load
OUT
12
pF
Operating free-air temperature, TA
–10
45
°C
† The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for clock voltage
levels.
‡ Adjustment is required for optimal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com