Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC211 Datasheet(PDF) 11 Page - Texas Instruments

Part # TC211
Description  192- 횞 165-pixel ccd image sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC211 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TC211 Datasheet HTML 5Page - Texas Instruments TC211 Datasheet HTML 6Page - Texas Instruments TC211 Datasheet HTML 7Page - Texas Instruments TC211 Datasheet HTML 8Page - Texas Instruments TC211 Datasheet HTML 9Page - Texas Instruments TC211 Datasheet HTML 10Page - Texas Instruments TC211 Datasheet HTML 11Page - Texas Instruments TC211 Datasheet HTML 12Page - Texas Instruments TC211 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TC211
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS008B – JANUARY 1990
2-11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
The package for the TC211 consists of a ceramic base, glass window, and a 6-lead frame. The glass window is sealed
to the package by an epoxy adhesive. The package leads are configured in a dual-in-line organization and fit into
mounting holes with 2,54 mm (0.1 inch) center-to-center spacings.
4
5
6
3
2
1
2,54 (0.100)
7,62 (0.300)
2,54 (0.100)
7,54 (0.297)
7,14 (0.281)
7,82 (0.308)
7,24 (0.285)
0,31 (0.012)
0,23 (0.009)
0,48 (0.019)
0,38 (0.015)
1,30 (0.051)
1,04 (0.041)
4,45 (0.175)
7/94
NOTES: A. Dimensions are in millimeters and parenthetically in inches. Single dimensions are nominal.
B. The center of the package and the center of the image area are not coincident.
C. The distance from the top of the glass to the image sensor surface is typically 1 mm (0.04 inch). The glass is typically 0.020 inch
thick and has an index of refraction of 1.52.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com