Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC211 Datasheet(PDF) 1 Page - Texas Instruments

Part # TC211
Description  192- 횞 165-pixel ccd image sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC211 Datasheet(HTML) 1 Page - Texas Instruments

  TC211 Datasheet HTML 1Page - Texas Instruments TC211 Datasheet HTML 2Page - Texas Instruments TC211 Datasheet HTML 3Page - Texas Instruments TC211 Datasheet HTML 4Page - Texas Instruments TC211 Datasheet HTML 5Page - Texas Instruments TC211 Datasheet HTML 6Page - Texas Instruments TC211 Datasheet HTML 7Page - Texas Instruments TC211 Datasheet HTML 8Page - Texas Instruments TC211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC211
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS008B – JANUARY 1990
Copyright
© 1990, Texas Instruments Incorporated
2-1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Full-Frame Operation
• Antiblooming Capability
• Single-Phase Clocking for Horizontal and
Vertical Transfers
• Fast Clear Capability
• Dynamic Range...60 dB Typical
• High Blue Response
• High Photoresponse Uniformity
• Solid-State Reliability With No Image
Burn-In, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
• 6-Pin Dual-In-Line Ceramic Package
• Square Image Area:
– 2640
µm by 2640 µm
– 192 Pixels (H) by 165 Pixels (V)
– Each Pixel 13.75
µm (H) by 16 µm (V)
description
The TC211 is a full-frame charge-coupled device (CCD) image sensor designed specifically for industrial
applications requiring ruggedness and small size. The image-sensing area is configured into 165 horizontal
lines each containing 192 pixels. Twelve additional pixels are provided at the end of each line to establish a dark
reference and line clamp. The antiblooming feature is activated by supplying clock pulses to the antiblooming
gate, an integral part of each image-sensing element. The charge is converted to signal voltage at 4
µV per
electron by a high-performance structure with built-in automatic reset and a voltage-reference generator. The
signal is further buffered by a low-noise two-stage source-follower amplifier to provide high output-drive
capability.
The TC211 is supplied in a 6-pin dual-in-line ceramic package approximately 7,5 mm (0.3 in.) square. The glass
window can be cleaned using any standard method for cleaning optical assemblies or by wiping the surface with
a cotton swab soaked in alcohol.
The TC211 is characterized for operation from – 10
°C to 45°C.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to VSS. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUT to VSS during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
ADB
VSS
ABG
OUT
SRG
IAG
4
5
6
3
2
1
DUAL-IN-LINE PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TC211

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Productwell Precision E...
TC2111D-290M PRODUCTWELL-TC2111D-290M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC2111D-350M PRODUCTWELL-TC2111D-350M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC2111D-471M PRODUCTWELL-TC2111D-471M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC2113D-900M PRODUCTWELL-TC2113D-900M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results

Similar Description - TC211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
1158- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
680- 횞 500-pixel ccd image sensor
TC245 TI-TC245 Datasheet
469Kb / 19P
786- 횞 488-pixel ccd image sensor
TC210 TI-TC210 Datasheet
195Kb / 13P
192- x 165-PIXEL CCD IMAGE SENSOR
TC244A TI-TC244A Datasheet
311Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC271 TI1-TC271 Datasheet
373Kb / 22P
1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com