Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC211 Datasheet(PDF) 7 Page - Texas Instruments

Part # TC211
Description  192- 횞 165-pixel ccd image sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC211 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TC211 Datasheet HTML 3Page - Texas Instruments TC211 Datasheet HTML 4Page - Texas Instruments TC211 Datasheet HTML 5Page - Texas Instruments TC211 Datasheet HTML 6Page - Texas Instruments TC211 Datasheet HTML 7Page - Texas Instruments TC211 Datasheet HTML 8Page - Texas Instruments TC211 Datasheet HTML 9Page - Texas Instruments TC211 Datasheet HTML 10Page - Texas Instruments TC211 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC211
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS008B – JANUARY 1990
2-7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
optical characteristics, TA = 25°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity (see Note 9)
No IR filter
Measured at VU (see Note 10)
260
mV/lx
Sensitivity (see Note 9)
With IR filter
Measured at VU (see Note 10)
33
mV/lx
Saturation signal (see Note 11)
Antiblooming disabled
400
600
mV
Saturation signal (see Note 11)
Antiblooming enabled
350
450
mV
Blooming overload ratio (see Note 12)
Strobe
5
Blooming overload ratio (see Note 12)
Shuttered light
100
Output signal nonuniformity (1/2 saturation) (see Note 13)
10%
20%
Image-area well capacity
150
×103
electrons
Dark current
TA = 21°C
0.027
nA/cm2
Dark signal (see Note 14)
10
15
mV
Dark signal nonuniformity for entire field (see Note 15)
4
15
mV
Modulation transfer function
Horizontal
50%
Modulation transfer function
Vertical
70%
NOTES:
9. Sensitivity is measured at an integration time of 16.667 ms and a source temperature of 2856 K. A CM-500 filter is used.
10. VU is the output voltage that represents the threshold of operation of antiblooming. VU ≈ 1/2 saturation signal.
11. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
12. Blooming overload ratio is the ratio of blooming exposure to saturation exposure.
13. Output signal nonuniformity is the ratio of the maximum pixel-to-pixel difference in output signal to the mean output signal for
exposure adjusted to give 1/2 the saturation output signal.
14. Dark-signal level is measured from the dummy pixels.
15. Dark-signal nonuniformity is the maximum pixel-to-pixel difference in a dark condition.
PARAMETER MEASUREMENT INFORMATION
100%
90%
10%
0%
tr
tf
VIH min
VIL max
Intermediate Level
tr = 220 ns, tf = 330 ns for IAG
tr = 115 ns, tf = 135 ns for ABG
Figure 3. Typical Clock Waveform for IAG and ABG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com