Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12CPUV2 Datasheet(PDF) 107 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 107 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 103Page - Motorola, Inc S12CPUV2 Datasheet HTML 104Page - Motorola, Inc S12CPUV2 Datasheet HTML 105Page - Motorola, Inc S12CPUV2 Datasheet HTML 106Page - Motorola, Inc S12CPUV2 Datasheet HTML 107Page - Motorola, Inc S12CPUV2 Datasheet HTML 108Page - Motorola, Inc S12CPUV2 Datasheet HTML 109Page - Motorola, Inc S12CPUV2 Datasheet HTML 110Page - Motorola, Inc S12CPUV2 Datasheet HTML 111Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
107
A.2 ATD Characteristics
This section describes the characteristics of the analog to digital converter.
A.2.1 ATD Operating Characteristics
The Table A-8 shows conditions under which the ATD operates.
The following constraints exist to obtain full-scale, full range results:
VSSA ≤ VRL ≤ VIN ≤ VRH ≤ VDDA. This constraint exists since the sample buffer amplifier can not drive
beyond the power supply levels that it ties to. If the input level goes outside of this range it will effectively
be clipped.
Table A-8 ATD Operating Characteristics
A.2.2 Factors influencing accuracy
Three factors – source resistance, source capacitance and current injection – have an influence on the
accuracy of the ATD.
A.2.2.1 Source Resistance:
Due to the input pin leakage current as specified in Table A-6 in conjunction with the source resistance
there will be a voltage drop from the signal source to the ATD input. The maximum source resistance RS
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1D
Reference Potential
Low
High
VRL
VRH
VSSA
VDDA/2
VDDA/2
VDDA
V
V
2C Differential Reference Voltage1
NOTES:
1. Full accuracy is not guaranteed when differential voltage is less than 4.50V
VRH-VRL
4.50
5.00
5.25
V
3
D ATD Clock Frequency
fATDCLK
0.5
2.0
MHz
4D
ATD 10-Bit Conversion Period
Clock Cycles2
Conv, Time at 2.0MHz ATD Clock fATDCLK
2. The minimum time assumes a final sample period of 2 ATD clocks cycles while the maximum time assumes a final sample
period of 16 ATD clocks.
NCONV10
TCONV10
14
7
28
14
Cycles
µs
5D
ATD 8-Bit Conversion Period
Clock Cycles(2)
Conv, Time at 2.0MHz ATD Clock fATDCLK
NCONV8
TCONV8
12
6
26
13
Cycles
µs
6D Stop Recovery Time (VDDA=5.0 Volts)
tSR
20
µs
7
P Reference Supply current (Both ATD modules on)
IREF
0.75
mA
8
P Reference Supply current (Only one ATD module on)
IREF
0.375
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com