Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12CPUV2 Datasheet(PDF) 108 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 108 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 104Page - Motorola, Inc S12CPUV2 Datasheet HTML 105Page - Motorola, Inc S12CPUV2 Datasheet HTML 106Page - Motorola, Inc S12CPUV2 Datasheet HTML 107Page - Motorola, Inc S12CPUV2 Datasheet HTML 108Page - Motorola, Inc S12CPUV2 Datasheet HTML 109Page - Motorola, Inc S12CPUV2 Datasheet HTML 110Page - Motorola, Inc S12CPUV2 Datasheet HTML 111Page - Motorola, Inc S12CPUV2 Datasheet HTML 112Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
108
specifies results in an error of less than 1/2 LSB (2.5mV) at the maximum leakage current. If device or
operating conditions are less than worst case or leakage-induced error is acceptable, larger values of source
resistance is allowed.
A.2.2.2 Source capacitance
When sampling an additional internal capacitor is switched to the input. This can cause a voltage drop due
to charge sharing with the external and the pin capacitance. For a maximum sampling error of the input
voltage
≤ 1LSB, then the external filter capacitor, C
f ≥ 1024 * (CINS– CINN).
A.2.2.3 Current injection
There are two cases to consider.
1.
A current is injected into the channel being converted. The channel being stressed has conversion
values of $3FF ($FF in 8-bit mode) for analog inputs greater than VRH and $000 for values less than
VRL unless the current is higher than specified as disruptive conditions.
2.
Current is injected into pins in the neighborhood of the channel being converted. A portion of this
current is picked up by the channel (coupling ratio K), This additional current impacts the accuracy
of the conversion depending on the source resistance.
The additional input voltage error on the converted channel can be calculated as VERR =K*RS *
IINJ, with IINJ being the sum of the currents injected into the two pins adjacent to the converted
channel.
Table A-9 ATD Electrical Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
C Max input Source Resistance
RS
--
1
K
Ω
2T
Total Input Capacitance
Non Sampling
Sampling
CINN
CINS
10
22
pF
3
C Disruptive Analog Input Current
INA
-2.5
2.5
mA
4
C Coupling Ratio positive current injection
Kp
10-4
A/A
5
C Coupling Ratio negative current injection
Kn
10-2
A/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com