Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12CPUV2 Datasheet(PDF) 126 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 126 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 122Page - Motorola, Inc S12CPUV2 Datasheet HTML 123Page - Motorola, Inc S12CPUV2 Datasheet HTML 124Page - Motorola, Inc S12CPUV2 Datasheet HTML 125Page - Motorola, Inc S12CPUV2 Datasheet HTML 126Page - Motorola, Inc S12CPUV2 Datasheet HTML 127Page - Motorola, Inc S12CPUV2 Datasheet HTML 128Page - Motorola, Inc S12CPUV2 Datasheet HTML 129Page - Motorola, Inc S12CPUV2 Datasheet HTML 130Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
126
Figure A-6 SPI Master Timing (CPHA =1)
Table A-18 SPI Master Mode Timing Characteristics1
NOTES:
1. The numbers 7, 8 in the column labeled “Num” are missing. This has been done on purpose to be consistent between the
Master and the Slave timing shown in Table A-19.
Conditions are shown in Table A-4 unless otherwise noted, CLOAD = 200pF on all outputs
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Operating Frequency
fop
DC
1
/2
fbus
1P SCK Period tsck = 1./fop
tsck
4
2048
tbus
2
D Enable Lead Time
tlead
1
/2—
tsck
3
D Enable Lag Time
tlag
1
/2
tsck
4
D Clock (SCK) High or Low Time
twsck
tbus − 30
1024 tbus
ns
5
D Data Setup Time (Inputs)
tsu
25
ns
6
D Data Hold Time (Inputs)
thi
0ns
9
D Data Valid (after SCK Edge)
tv
25
ns
10
D Data Hold Time (Outputs)
tho
0ns
11
D Rise Time Inputs and Outputs
tr
25
ns
12
D Fall Time Inputs and Outputs
tf
25
ns
SCK
(OUTPUT)
SCK
(OUTPUT)
MISO
(INPUT)
MOSI
(OUTPUT)
1
5
6
MSB IN2
BIT 6 . . . 1
LSB IN
MASTER MSB OUT2
MASTER LSB OUT
BIT 6 . . . 1
4
4
9
11
12
10
PORT DATA
(CPOL
= 0)
(CPOL
= 1)
PORT DATA
SS1
(OUTPUT)
2
12
11
3
1.If configured as output
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com