Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12CPUV2 Datasheet(PDF) 128 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 128 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 124Page - Motorola, Inc S12CPUV2 Datasheet HTML 125Page - Motorola, Inc S12CPUV2 Datasheet HTML 126Page - Motorola, Inc S12CPUV2 Datasheet HTML 127Page - Motorola, Inc S12CPUV2 Datasheet HTML 128Page - Motorola, Inc S12CPUV2 Datasheet HTML 129Page - Motorola, Inc S12CPUV2 Datasheet HTML 130Page - Motorola, Inc S12CPUV2 Datasheet HTML 131Page - Motorola, Inc S12CPUV2 Datasheet HTML 132Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
128
Table A-19 SPI Slave Mode Timing Characteristics
Conditions are shown in Table A-4 unless otherwise noted, CLOAD = 200pF on all outputs
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Operating Frequency
fop
DC
1
/4
fbus
1P SCK Period tsck = 1./fop
tsck
4
2048
tbus
2
D Enable Lead Time
tlead
1
tcyc
3
D Enable Lag Time
tlag
1
tcyc
4
D Clock (SCK) High or Low Time
twsck
tcyc − 30
ns
5
D Data Setup Time (Inputs)
tsu
25
ns
6
D Data Hold Time (Inputs)
thi
25
ns
7
D Slave Access Time
ta
1
tcyc
8
D Slave MISO Disable Time
tdis
1
tcyc
9
D Data Valid (after SCK Edge)
tv
25
ns
10
D Data Hold Time (Outputs)
tho
0ns
11
D Rise Time Inputs and Outputs
tr
25
ns
12
D Fall Time Inputs and Outputs
tf
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com