Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12CPUV2 Datasheet(PDF) 132 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 132 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 128Page - Motorola, Inc S12CPUV2 Datasheet HTML 129Page - Motorola, Inc S12CPUV2 Datasheet HTML 130Page - Motorola, Inc S12CPUV2 Datasheet HTML 131Page - Motorola, Inc S12CPUV2 Datasheet HTML 132Page - Motorola, Inc S12CPUV2 Datasheet HTML 133Page - Motorola, Inc S12CPUV2 Datasheet HTML 134Page - Motorola, Inc S12CPUV2 Datasheet HTML 135Page - Motorola, Inc S12CPUV2 Datasheet HTML 136Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
132
32
D NOACC hold time
tNOH
2ns
33
D IPIPO[1:0] delay time
tP0D
27
ns
34
D IPIPO[1:0] valid time to E rise (PWEL–tP0D)tP0V
11
ns
35
D IPIPO[1:0] delay time(1) (PWEH-tP1V)
tP1D
225
ns
36
D IPIPO[1:0] valid time to E fall
tP1V
11
ns
NOTES:
1. Affected by clock stretch: add N x tcyc where N=0,1,2 or 3, depending on the number of clock stretches.
Table A-20 Expanded Bus Timing Characteristics
Conditions are shown in Table A-4 unless otherwise noted, CLOAD = 50pF
Num C
Rating
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com