Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4012CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4012CD Datasheet(HTML) 5 Page - Texas Instruments

  THS4012CD Datasheet HTML 1Page - Texas Instruments THS4012CD Datasheet HTML 2Page - Texas Instruments THS4012CD Datasheet HTML 3Page - Texas Instruments THS4012CD Datasheet HTML 4Page - Texas Instruments THS4012CD Datasheet HTML 5Page - Texas Instruments THS4012CD Datasheet HTML 6Page - Texas Instruments THS4012CD Datasheet HTML 7Page - Texas Instruments THS4012CD Datasheet HTML 8Page - Texas Instruments THS4012CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
THS4011, THS4012
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
SLOS216B – JUNE 1999 – FEBRUARY 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = ±15 V, RL = 150 Ω, TA = 25°C, (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS†
THS4011C/I,
THS4012C/I
UNIT
MIN
TYP
MAX
Unity gain bandwidth ( 3 dB)
Gain = 1
VCC = ±15 V
290
MHz
Unity-gain bandwidth (–3 dB)
Gain = 1
VCC = ±5 V
270
MHz
BW
Bandwidth for 0 1 dB flatness
Gain = 1
VCC = ±15 V
70
MHz
BW
Bandwidth for 0.1 dB flatness
Gain = 1
VCC = ±5 V
35
MHz
Full power bandwidth (see Note 2)
VCC = ±15 V, RL = 150 Ω
VO(PP) = 20 V,
4.9
MHz
Full power bandwidth (see Note 2)
VCC = ±5 V,
RL = 150 Ω,
VO(PP) = 5 V,
16
MHz
SR
Slew rate
Gain = 1
RL = 150 Ω
VCC = ±15 V
310
V/
µs
SR
Slew rate
Gain = –1,
RL = 150 Ω
VCC = ±5 V
260
V/
µs
Settling time to 0 1%
VI = 2 5 V to 2 5 V Gain = 1
VCC = ±15 V
37
ns
t
Settling time to 0.1%
VI = –2.5 V to 2.5 V, Gain = –1
VCC = ±5 V
35
ns
ts
Settling time to 0 01%
VI = 2 5 V to 2 5 V Gain = 1
VCC = ±15 V
90
ns
Settling time to 0.01%
VI = –2.5 V to 2.5 V, Gain = –1
VCC = ±5 V
70
ns
† Full range = 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix.
noise/distortion performance
PARAMETER
TEST CONDITIONS†
THS4011C/I,
THS4012C/I
UNIT
MIN
TYP
MAX
THD
Total harmonic distortion
VCC = ±15 V,
VO(PP) = 2 V
fc = 1 MHz,
–80
dBc
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
f = 10 kHz
7.5
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
f = 10 kHz
1
pA/
√Hz
Differential gain error
Gain = 2,
RL 150 Ω
VCC = ±15 V
0.01%
Differential gain error
RL = 150 Ω,
NTSC
VCC = ±5 V
0.01%
Differential phase error
Gain = 2,
RL 150 Ω
VCC = ±15 V
0.01
°
Differential phase error
RL = 150 Ω,
NTSC
VCC = ±5 V
0.001
°
† Full range = 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com