Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4012CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4012CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4012CD Datasheet HTML 9Page - Texas Instruments THS4012CD Datasheet HTML 10Page - Texas Instruments THS4012CD Datasheet HTML 11Page - Texas Instruments THS4012CD Datasheet HTML 12Page - Texas Instruments THS4012CD Datasheet HTML 13Page - Texas Instruments THS4012CD Datasheet HTML 14Page - Texas Instruments THS4012CD Datasheet HTML 15Page - Texas Instruments THS4012CD Datasheet HTML 16Page - Texas Instruments THS4012CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
THS4011, THS4012
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
SLOS216B – JUNE 1999 – FEBRUARY 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.25
°
0.2
°
0.15
°
0.1
°
12
3
4
Number of 150-
Ω Loads
0.05
°
0
°
Gain = 2
RF = 1 kΩ
40 IRE-PAL Modulation
Worst Case
± 100 IRE Ramp
0.4
°
0.35
°
0.3
°
VCC = ± 15 V
VCC = ± 5 V
Figure 22
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.03
0.02
12
3
4
Number of 150-
Ω Loads
0.01
0
Gain = 2
RF = 1 kΩ
40 IRE-NTSC Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 5 V
VCC = ± 15 V
0.04
0.05
Figure 23
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.03
0.02
12
3
4
Number of 150-
Ω Loads
0.01
0
0.04
0.05
0.06
Gain = 2
RF = 1 kΩ
40 IRE-PAL Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
VCC = ± 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com