Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4012CD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4012CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4012CD Datasheet HTML 2Page - Texas Instruments THS4012CD Datasheet HTML 3Page - Texas Instruments THS4012CD Datasheet HTML 4Page - Texas Instruments THS4012CD Datasheet HTML 5Page - Texas Instruments THS4012CD Datasheet HTML 6Page - Texas Instruments THS4012CD Datasheet HTML 7Page - Texas Instruments THS4012CD Datasheet HTML 8Page - Texas Instruments THS4012CD Datasheet HTML 9Page - Texas Instruments THS4012CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
THS4011, THS4012
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
SLOS216B – JUNE 1999 – FEBRUARY 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
dc performance
PARAMETER
TEST CONDITIONS†
THS4011C/I,
THS4012C/I
UNIT
MIN
TYP
MAX
VCC = ±15 V,
VO ±10 V
TA = 25°C
10
25
V/mV
Open loop gain
VO = ±10 V,
RL = 1 kΩ
TA = full range
8
V/mV
Open loop gain
VCC = ±5 V,
VO ±25 V
TA = 25°C
7
12
V/mV
VO = ±2.5 V,
RL = 250 Ω
TA = full range
5
V/mV
VIO
Input offset voltage
VCC = ±5Vor ±15 V
TA = 25°C
1
6
mV
VIO
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
8
mV
Input offset voltage drift
15
µV/°C
IIB
Input bias current
VCC = ±5Vor ±15 V
TA = 25°C
2
6
µA
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = full range
8
µA
IIO
Input offset current
VCC = ±5Vor ±15 V
TA = 25°C
25
250
nA
IIO
Input offset current
VCC = ±5 V or ±15 V
TA = full range
400
nA
Offset current drift
VCC = ±5 V or ±15 V
0.3
nA/
°C
† Full range = 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix.
input characteristics
PARAMETER
TEST CONDITIONS†
THS4011C/I,
THS4012C/I
UNIT
MIN
TYP
MAX
VICR
Common mode input voltage range
VCC = ±15 V
±13 ±14.1
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
VCC = ±15 V,
TA = 25°C
82
110
dB
CMRR
Common mode rejection ratio
CC
,
VIC = ±12 V
TA = full range
77
dB
CMRR
Common-mode rejection ratio
VCC = ±5 V,
TA = 25°C
90
95
dB
CC
,
VIC = ±2.5 V
TA = full range
83
dB
RI
Input resistance
2
M
Ω
CI
Input capacitance
1.2
pF
† Full range = 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix.
output characteristics
PARAMETER
TEST CONDITIONS†
THS4011C/I,
THS4012C/I
UNIT
MIN
TYP
MAX
VCC = ±15 V
RL =1kΩ
±13
±13.5
VO
Output voltage swing
VCC = ±5 V
RL = 1 kΩ
±3.4
±3.7
V
VO
Output voltage swing
VCC = ±15 V
RL = 250 Ω
±12
±13
V
VCC = ±5 V
RL = 150 Ω
±3
±3.4
IO
Output current
RL =20 Ω
VCC = ±15 V
70
110
mA
IO
Output current
RL = 20 Ω,
VCC = ±5 V
50
75
mA
IOS
Short-circuit output current
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
12
Ω
† Full range = 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com